Electronic Components Datasheet Search
  English  ▼

X  

TMDS442 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS442
Description  4-TO-2 DVI/HDMI SWITCH
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS442 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMDS442 Datasheet HTML 5Page - Texas Instruments TMDS442 Datasheet HTML 6Page - Texas Instruments TMDS442 Datasheet HTML 7Page - Texas Instruments TMDS442 Datasheet HTML 8Page - Texas Instruments TMDS442 Datasheet HTML 9Page - Texas Instruments TMDS442 Datasheet HTML 10Page - Texas Instruments TMDS442 Datasheet HTML 11Page - Texas Instruments TMDS442 Datasheet HTML 12Page - Texas Instruments TMDS442 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
www.ti.com
TMDS442
SLLS757A – AUGUST 2006 – REVISED MARCH 2007
ELECTRICAL CHARACTERISTICS (continued)
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
STATUS PINS (HPD_SINK, 5V_PWR)
VIH = 5.3 V
-150
150
IIH
High-level digital input current
µA
VIH = 2 V or VCC
-85
85
IIL
Low-level digital input current
VIL = GND or 0.8 V
-20
20
µA
STATUS PINS (HPD, 5V_SINK)
VOH
High-level output voltage
IOH = -4 mA
2.4
VCC
V
VOL
Low-level output voltage
IOL = 4 mA
GND
0.4
V
CONTROL PINS (LC_A0, LC_A1, GE, GPIO)
IIH
High-level digital input current
VIH = 2 V or VCC
-10
10
µA
IIL
Low-level digital input current
VIL = GND or 0.8 V
-10
10
µA
CI
Input capacitance
VI = GND or VCC
10
pF
DDC I/O PINS (SCL_SINK, SDA_SINK)
VI = 5.5 V
-50
50
Ilkg
Input leakage current
µA
VI = VCC
-10
10
IOH
High-level output current
VO = 3.6 V
-10
10
µA
IIL
Low-level input current
VIL = GND
-40
40
µA
OVS = NC
470
620
VOL
Low-level output voltage
IOL = 400 µA or 4 mA
OVS = GND
620
775
V
OVS = VCC
775
950
OVS = NC
70
Low-level input voltage below output
VOL-VILC
Ensured by design
OVS = GND
240
mV
low-level voltage level
OVS = VCC
420
VI = 5.0 V or 0 V, Freq = 100 kHz
25
CIO
Input/output capacitance
pF
VI = 3.0 V or 0 V, Freq = 100 kHz
10
DDC I/O PINS (SCL, SDA) AND LOCAL I2C PINS (LC_SCL, LC_SDA)
VI = 5.5 V
-50
50
Ilkg
Input leakage current
µA
VI = VCC
-10
10
IOH
High-level output current
VO = 3.6 V
-10
10
µA
IIL
Low-level input current
VIL = GND
-10
10
µA
VOL
Low-level output voltage
IOL = 4 mA
0.2
V
VI = 5.0 V or 0 V, Freq = 100 kHz
25
CI
Input capacitance
pF
VI = 3.0 V or 0 V, Freq = 100 kHz
10
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com