Electronic Components Datasheet Search
  English  ▼

X  

TMDS442 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS442
Description  4-TO-2 DVI/HDMI SWITCH
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS442 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMDS442 Datasheet HTML 29Page - Texas Instruments TMDS442 Datasheet HTML 30Page - Texas Instruments TMDS442 Datasheet HTML 31Page - Texas Instruments TMDS442 Datasheet HTML 32Page - Texas Instruments TMDS442 Datasheet HTML 33Page - Texas Instruments TMDS442 Datasheet HTML 34Page - Texas Instruments TMDS442 Datasheet HTML 35Page - Texas Instruments TMDS442 Datasheet HTML 36Page - Texas Instruments TMDS442 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
www.ti.com
SCL
SDA
SCL_SINK
SDA_SINK
EN
OVS
R
T
SCL_SINK/
SDA_SINK
SCL/SDA
Vcc
0.5V
5V +
10%
Vcc/2
t
PLH
I2C Enable
5V_PWR
I2CEN
GE
5V_EN
EN
TMDS442
SLLS757A – AUGUST 2006 – REVISED MARCH 2007
or not connected, VOL is typically 0.5 V. When OVS is connected to GND, VOL is typically 0.65 V. When OVS is
connected to VCC, VOL is typically 0.8 V. VOL is always higher than the driver R input threshold, VIL, which is
typically 0.4 V, preventing lockup of the repeater loop. The VOL value can be selected to improve or optimize
noise margins between VOL and the VIL of the repeater itself or the VIL of some external device connected on the
T side.
When the R side is pulled up, above 1.5 V, the T side driver turns off and the T side pin is high impedance.
Figure 33. I2C Drivers in TMDS442
When the T side is pulled below 0.4 V by an external I2C driver, both drivers R and T are turned on. Driver R
pulls the R side to near 0 V, and driver T is on, but is overridden by the external I2C driver. If driver T is already
on, due to a low on the R side, driver R just turns on.
When the T side is released by the external I2C driver, driver T is still on, so the T side is only able to rise to the
VOL of driver T. Driver R turns off, since VOL is above its 0.4-V VIL threshold, releasing the R side. If no external
I2C driver is keeping the R side low, the R side rises, and driver T turns off once the R side rises above 1.5 V,
see Figure 34.
Figure 34. Waveform of Turning Driver T Off
It is important that any external I2C driver on the T side is able to pull the bus below 0.4 V to ensure full
operation. If the T side cannot be pulled below 0.4 V, driver R may not recognize and transmit the low value to
the R side.
The I2C drivers are enabled with an internal EN signal. This EN signal is the AND gate result of the 5V_PWR
signal from the selected input port and the I2CEN signal for the output. This AND gate is turned on based on an
OR gate result of the GE and the 5V_EN settings.
Figure 35. I2C Enable Equivalent Logic
33
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com