Electronic Components Datasheet Search
  English  ▼

X  

TMDS442 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS442
Description  4-TO-2 DVI/HDMI SWITCH
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS442 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMDS442 Datasheet HTML 28Page - Texas Instruments TMDS442 Datasheet HTML 29Page - Texas Instruments TMDS442 Datasheet HTML 30Page - Texas Instruments TMDS442 Datasheet HTML 31Page - Texas Instruments TMDS442 Datasheet HTML 32Page - Texas Instruments TMDS442 Datasheet HTML 33Page - Texas Instruments TMDS442 Datasheet HTML 34Page - Texas Instruments TMDS442 Datasheet HTML 35Page - Texas Instruments TMDS442 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
www.ti.com
Quad
Terminated
TMDSRx
withEQ
Quad
Terminated
TMDSRx
withEQ
Quad
Terminated
TMDSRx
withEQ
Quad
TMDS Tx
Quad
Terminated
TMDSRx
withEQ
Quad
TMDS Tx
MUX
SCL1
SDA1
SCL3
SDA3
SCL_SINK1
SDA_SINK1
5V_PWR1
5V_PWR3
5V_SINK1
HPD_SINK1
ControlLogic
HIGH=source1
LOW=source2
TMDSDATA 5
TMDSDATA 4
TMDSDATA 3
TMDSDATA 2
TMDSDATA 1
TMDSDATA 0
TMDSCLOCK
TMDSDATA 5
TMDSDATA 4
TMDSDATA 3
TMDSDATA 2
TMDSDATA 1
TMDSDATA 0
TMDSCLOCK
TMDSDATA 5
TMDSDATA 4
TMDSDATA 3
TMDSDATA 2
TMDSDATA 1
TMDSDATA 0
TMDSCLOCK
UnusedOutput
SCL_SINK2
SDA_SINK2
HPD_SINK2
5V_SINK2
SCL2
SDA2
SCL4
SDA4
HPD2
HPD4
5V_PWR2
5V_PWR4
HPD1
HPD3
UnusedInput
UnusedInput
Tosource1
Tosource2
Fromsource2
Fromsource1
From/Tosource
2
From/Tosource
1
FromSINK
ToSINK
From/ToSINK
Fromsource1
Fromsource2
ToSINK
Layout Considerations
I2C Function Description
TMDS442
SLLS757A – AUGUST 2006 – REVISED MARCH 2007
Figure 32. Dual-Link 2-to-1 DVI/HDMI Switch Configuration
In a dual link application, the unused TMDS input should be configured as follows: the complementary input pin
is grounded through a 1-k
Ω resistor, and the other pin left open.
The high-speed TMDS inputs are the most critical paths for the TMDS442. There are several considerations to
minimize discontinuities on these transmission lines between the connectors and the device:
• The TMDS differential inputs should be layout in the shortest stubs from connectors directly
• Maintain 100-Ω differential impedance into and out of the TMDS442
• Keep an uninterrupted ground plane beneath the high-speed I/Os
• Keep the ground-path vias to the device as close as possible to allow the shortest return current path
The SCL/SDA and SCL_SINK/SDA_SINK pins are 5-V tolerant when the device is powered off and high
impedance under low supply voltage, 1.5 V or below. If the device is powered up and the I2C circuits are
enabled, and EN = high, the driver T (see Figure 33) is turned on or off depending up on the corresponding R
side voltage level.
When the R side is pulled low below 1.5 V, the corresponding T side driver turns on and pulls the T side down to
a low level output voltage, VOL. The value of VOL depends on the input to the OVS pin. When OVS is left floating
32
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com