Electronic Components Datasheet Search
  English  ▼

X  

TMDS442 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS442
Description  4-TO-2 DVI/HDMI SWITCH
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS442 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMDS442 Datasheet HTML 13Page - Texas Instruments TMDS442 Datasheet HTML 14Page - Texas Instruments TMDS442 Datasheet HTML 15Page - Texas Instruments TMDS442 Datasheet HTML 16Page - Texas Instruments TMDS442 Datasheet HTML 17Page - Texas Instruments TMDS442 Datasheet HTML 18Page - Texas Instruments TMDS442 Datasheet HTML 19Page - Texas Instruments TMDS442 Datasheet HTML 20Page - Texas Instruments TMDS442 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
www.ti.com
PULSE
GENERATOR
D.U.T.
R
T
R
L=4.7kW
C
L=100pF
V
IN
V
OUT
3.3V + 10%
V
CC
Vcc
Vcc/2
0.1V
3.3V +
10%
1.5V
V
OL
t
r
t
f
t
PLH
t
PHL
SCL/SDA
Input
20%
20%
80%
80%
SCL_SINK/
SDA_SINK
Output
PULSE
GENERATOR
D.U.T.
R
T
R
L
=1.67kW
C
L=400pF
V
IN
V
OUT
5V + 10%
V
CC
Vcc
1.5V
0.1V
5V +
10%
Vcc/2
V
OL
t
r
t
f
t
PHL
SCL_SINK/
SDA_SINK
Input
20%
20%
80%
80%
SCL/SDA
Output
SCL_SINK/
SDA_SINK
Input
SCL/SDA
Output
Vcc
0.5V
5V +
10%
Vcc/2
t
PLH
SCL
SDA
5V_PWR
5V
0V
5V
0V
V
CC
1.5V
0V
t
SET
t
HOLD
START
STOP
I2CEN
V
CC
0V
V
/2
CC
TMDS442
SLLS757A – AUGUST 2006 – REVISED MARCH 2007
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 11. I2C Timing Test Circuit and Definition
Figure 12. I2C Setup and Hold Definition
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com