| Electronic Components Datasheet Search |
|
TMDS442 Datasheet(PDF) 30 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMDS442 Datasheet(HTML) 30 Page - Texas Instruments |
|
30 / 45 page ![]() www.ti.com TMDS442 Read Phase 2: Supply Voltage TMDS Inputs TMDS442 SLLS757A – AUGUST 2006 – REVISED MARCH 2007 Where each X logic state is defined by I2C-A1 and I2C-A0 pins being tied to either Vs+ or GND. STEP 3 9 I2C Acknowledge (Slave) A STEP 4 7 6 5 4 3 2 1 0 I2C Read Sink Port Address (Master) 0 0 0 0 0 0 Addr Addr Where Addr is determined by the values shown in Table 2. STEP 5 9 I2C Acknowledge (Slave) A STEP 6 0 I2C Stop (Master) P STEP 7 0 I2C Start (Master) S STEP 8 7 6 5 4 3 2 1 0 I2C General Address (Master) 0 1 0 1 1 X X 1 Where X logic state is defined by I2C-A1 and I2C-A0 pins being tied to either Vs+ or GND. STEP 9 9 I2C Acknowledge (Slave) A STEP 10 7 6 5 4 3 2 1 0 I2C Read Data (Slave) Data Data Data Data Data Data Data Data Where Data is determined by the logic values contained in the Sink Port Register. STEP 11 9 I2C Not-Acknowledge (Master) A STEP 12 0 I2C Stop (Master) P All VCC pins can be tied to a single 3.3-V power source. A 0.01-µF capacitor is connected from each VCC pin directly to ground to filter supply noise. Standard TMDS terminations are integrated on all TMDS inputs. External terminations are not required. Each input channel contains an 8-dB equalization circuit to compensate for cable losses. The voltage at the TMDS input pins must be limited per the absolute maximum ratings. An unused input should not be connected to ground as this would result in excessive current flow damaging the device. TMDS input pins do not incorporate failsafe circuits. An unused input channel can be externally biased to prevent output oscillation. The complementary input pin is recommended to be grounded through a 1-k Ω resistor and the other pin left open. 30 Submit Documentation Feedback |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |