Electronic Components Datasheet Search
  English  ▼

X  

TMDS442 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS442
Description  4-TO-2 DVI/HDMI SWITCH
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS442 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMDS442 Datasheet HTML 12Page - Texas Instruments TMDS442 Datasheet HTML 13Page - Texas Instruments TMDS442 Datasheet HTML 14Page - Texas Instruments TMDS442 Datasheet HTML 15Page - Texas Instruments TMDS442 Datasheet HTML 16Page - Texas Instruments TMDS442 Datasheet HTML 17Page - Texas Instruments TMDS442 Datasheet HTML 18Page - Texas Instruments TMDS442 Datasheet HTML 19Page - Texas Instruments TMDS442 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
www.ti.com
Port1istheSource
Port2istheSource
SDA1
SDA2
SA
0V
SB
Vcc
2
5V_PWR3
5V
5V_PWR1
1.5V
HPD1
t
pd(HPD)
t
pd(HPD)
Vcc/2
HPD_SINK
1.5V
t
sx(HPD)
5V_SINK
t
pd(5V)
t
pd(5V)
Vcc/2
t
sx(5V)
HPD2
0V
HPD4
0V
HPD3
5V_PWR2
5V_PWR4
5V
or
0V
SDA_SINK
0.6V
t
sx(DDC)
2.0V
5V
or
0V
Vcc
Vcc/2
0V
t
pd(HPD)
TMDS442
SLLS757A – AUGUST 2006 – REVISED MARCH 2007
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 10. Post Switch Timing Definitions
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com