Electronic Components Datasheet Search
  English  ▼

X  

MAX8745 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX8745
Description  High-Efficiency, Quad Output, Main Power-Supply Controllers for Notebook Computers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8745 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX8745 Datasheet HTML 10Page - Maxim Integrated Products MAX8745 Datasheet HTML 11Page - Maxim Integrated Products MAX8745 Datasheet HTML 12Page - Maxim Integrated Products MAX8745 Datasheet HTML 13Page - Maxim Integrated Products MAX8745 Datasheet HTML 14Page - Maxim Integrated Products MAX8745 Datasheet HTML 15Page - Maxim Integrated Products MAX8745 Datasheet HTML 16Page - Maxim Integrated Products MAX8745 Datasheet HTML 17Page - Maxim Integrated Products MAX8745 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
High-Efficiency, Quad Output, Main Power-
Supply Controllers for Notebook Computers
14
______________________________________________________________________________________
PIN
NAME
FUNCTION
15
BST5
Boost Flying Capacitor Connection for the 5V SMPS. The MAX8744/MAX8745 include an internal
boost switch connected between LDO5 and BST5. Connect to an external capacitor as shown in
Figure 1.
16
DH5
High-Side Gate-Driver Output for the 5V SMPS. DH5 swings from LX5 to BST5.
17
LX5
Inductor Connection for the 5V SMPS. Connect LX5 to the switched side of the inductor. LX5 serves
as the lower supply rail for the DH5 high-side gate driver.
18
DL5
Low-Side Gate-Driver Output for the 5V SMPS. DL5 swings from PGND to LDO5.
19
PGND
Power Ground
20
LDO5
5V Internal Linear-Regulator Output. Bypass with 4.7µF minimum (1µF/25mA). Provides at least
100mA for the DL_ low-side gate drivers, the DH_ high-side drivers through the BST switches, the
PWM controller, logic, reference, and external loads. If CSL5 is greater than 4.5V and soft-start is
complete, the linear regulator shuts down, and LDO5 connects to CSL5 through a 1
Ω switch rated for
loads up to 200mA.
21
IN
Input of the Startup Circuitry and the LDO5 Internal 5V Linear Regulator. Bypass to PGND with a
0.22µF or greater ceramic capacitor close to the IC.
22
PGOODA
Open-Drain, Power-Good Output for the Auxiliary LDO. PGOODA is pulled low if FBA drops more
than 10% (typ) below the normal regulation point, and when the auxiliary LDO is shut down. PGOODA
becomes high impedance when FBA is in regulation.
23
DL3
Low-Side Gate-Driver Output for the 3.3V SMPS. DL3 swings from PGND to LDO5.
24
LX3
Inductor Connection for the 3.3V SMPS. Connect LX3 to the switched side of the inductor. LX3 serves
as the lower supply rail for the DH3 high-side gate driver.
25
DH3
High-Side Gate-Driver Output for the 3.3V SMPS. DH3 swings from LX3 to BST3.
26
BST3
Boost Flying Capacitor Connection for the 3.3V SMPS. The MAX8744/MAX8745 include an internal
boost switch connected between LDO5 and BST3. Connect to an external capacitor as shown in
Figure 1.
27
PGOOD3
Open-Drain, Power-Good Output for the 3.3V SMPS. PGOOD3 is pulled low if CSL3 drops more than
10% (typ) below the normal regulation point. PGOOD3 is held low during soft-start and shutdown.
PGOOD3 becomes high impedance when CSL3 is in regulation.
28
CSL3
Output Sense and Negative Current Sense for the 3.3V SMPS. When using the internal preset 3.3V
feedback divider (FB3 = LDO5), the controller uses CSL3 to sense the output voltage. Connect to the
negative terminal of the current-sense element.
29
CSH3
Positive Current-Sense Input for the 3.3V SMPS. Connect to the positive terminal of the current-sense
element. Figure 7 describes two different current-sensing options—using accurate sense resistors or
lossless inductor DCR sensing.
30
FB3
Feedback Input for the 3.3V SMPS. Connect to LDO5 for fixed 3.3V output. In adjustable mode, FB3
regulates to 2V.
Pin Description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com