Electronic Components Datasheet Search
  English  ▼

X  

MAX8745 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX8745
Description  High-Efficiency, Quad Output, Main Power-Supply Controllers for Notebook Computers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8745 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX8745 Datasheet HTML 14Page - Maxim Integrated Products MAX8745 Datasheet HTML 15Page - Maxim Integrated Products MAX8745 Datasheet HTML 16Page - Maxim Integrated Products MAX8745 Datasheet HTML 17Page - Maxim Integrated Products MAX8745 Datasheet HTML 18Page - Maxim Integrated Products MAX8745 Datasheet HTML 19Page - Maxim Integrated Products MAX8745 Datasheet HTML 20Page - Maxim Integrated Products MAX8745 Datasheet HTML 21Page - Maxim Integrated Products MAX8745 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
High-Efficiency, Quad Output, Main Power-
Supply Controllers for Notebook Computers
18
______________________________________________________________________________________
REF
R
R
FB3
2.0V
REF
DH5
BST5
LX5
LDO5
DL5
PWM5
CONTROLLER
(FIGURE 3)
DH3
BST3
LX3
LDO5
DL3
PWM3
CONTROLLER
(FIGURE 3)
PGND
FB
DECODE
(FIGURE 5)
ON3
IN
FSEL
FB
DECODE
(FIGURE 5)
FB5
ON5
CSH5
CSL5
ILIM
CSH3
CSL3
PGOODA
POWER-GOOD AND FAULT
PROTECTION
(FIGURE 6)
INTERNAL
FB
FBA
OUTA
DRVA
ONA
SKIP
5V LINEAR
REGULATOR
LDO5
AUXILIARY
LINEAR REGULATOR
GND
LDO BYPASS
CIRCUITRY
OSC
SHDN
PGOOD3
PGOOD5
LDO5
MAX8744
MAX8745
Figure 2. Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com