Electronic Components Datasheet Search
  English  ▼

X  

MAX8745 Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # MAX8745
Description  High-Efficiency, Quad Output, Main Power-Supply Controllers for Notebook Computers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8745 Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button MAX8745 Datasheet HTML 28Page - Maxim Integrated Products MAX8745 Datasheet HTML 29Page - Maxim Integrated Products MAX8745 Datasheet HTML 30Page - Maxim Integrated Products MAX8745 Datasheet HTML 31Page - Maxim Integrated Products MAX8745 Datasheet HTML 32Page - Maxim Integrated Products MAX8745 Datasheet HTML 33Page - Maxim Integrated Products MAX8745 Datasheet HTML 34Page - Maxim Integrated Products MAX8745 Datasheet HTML 35Page - Maxim Integrated Products MAX8745 Datasheet HTML 36Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
High-Efficiency, Quad Output, Main Power-
Supply Controllers for Notebook Computers
32
______________________________________________________________________________________
the FDS6612A n-channel MOSFET is used on the high
side. According to the manufacturer’s data sheet, a sin-
gle FDS6612A has a maximum gate charge of 13nC
(VGS = 5V). Using the above equation, the required
boost capacitance would be:
Selecting the closest standard value, this example
requires a 0.1µF ceramic capacitor.
LDOA Design Procedure
Output Voltage Selection
Adjust the auxiliary linear regulator’s output voltage by
connecting a resistive divider between OUTA and ana-
log ground with the center tap connected to FBA
(Figure 1). Select R6 in the 10k
Ω to 30kΩ range, and
calculate R5 with the following equation:
where VFBA = 1.0V.
Transistor Selection
The pass transistor must meet specifications for current
gain (
β), input capacitance, collector-emitter saturation
voltage, and power dissipation. The transistor’s current
gain limits the guaranteed maximum output current to:
where IDRV is the minimum guaranteed base drive cur-
rent, VBE is the base-to-emitter voltage of the transistor,
and RBE is the pullup resistor connected between the
transistor’s base and emitter. Furthermore, the transis-
tor’s current gain increases the linear regulator’s DC
loop gain (see the LDOA Stability Requirements sec-
tion), so excessive gain destabilizes the output.
Therefore, transistors with current gain over 100 at the
maximum output current can be difficult to stabilize and
are not recommended. The transistor’s input capaci-
tance and input resistance also create a second pole,
which could be low enough to make the output unsta-
ble when heavily loaded.
The transistor’s saturation voltage at the maximum out-
put current determines the minimum input-to-output
voltage differential that the linear regulator supports.
Alternatively, the package’s power dissipation could
limit the useable maximum input-to-output voltage dif-
ferential. The maximum power dissipation capability of
the transistor’s package and mounting must exceed the
actual power dissipation in the device. The power dissi-
pation equals the maximum load current times the max-
imum input-to-output differential:
PWR = ILOAD(MAX) (VINA -VOUTA)
PWR = ILOAD(MAX) VCE
LDOA Stability Requirements
The MAX8744/MAX8745 linear-regulator controller uses
an internal transconductance amplifier to drive an exter-
nal pnp pass transistor. The transconductance amplifier,
the pass transistor, the base-to-emitter resistor, and the
output capacitor determine the loop stability.
The transconductance amplifier regulates the output
voltage by controlling the pass transistor’s base cur-
rent. The total DC loop gain is approximately:
where VT is 26mV at room temperature, hFE is the pass
transistor’s DC gain, and IBIAS is the current through
the base-to-emitter resistor (RBE). The 680
Ω base-to-
emitter resistor used in Figure 1 was chosen to provide
a 1mA bias current (IBIAS).
A
V
V
Ih
I
V LDO
T
BIAS FE
LOAD
()
.
=
⎛
⎝⎜
⎞
⎠⎟
+
⎛
⎝⎜
⎞
⎠⎟
55
1
II
LOAD MAX
DRV
V
R
MIN
BE
BE
() =
⎛
⎝
⎜
⎞
⎠
⎟
−
β
RR
V
V
OUTA
FBA
56
1
=−
⎛
⎝⎜
⎞
⎠⎟
C
nC
mV
F
BST ==
μ
13
200
0 065
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com