Electronic Components Datasheet Search
  English  ▼

X  

MAX8745 Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # MAX8745
Description  High-Efficiency, Quad Output, Main Power-Supply Controllers for Notebook Computers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8745 Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button MAX8745 Datasheet HTML 25Page - Maxim Integrated Products MAX8745 Datasheet HTML 26Page - Maxim Integrated Products MAX8745 Datasheet HTML 27Page - Maxim Integrated Products MAX8745 Datasheet HTML 28Page - Maxim Integrated Products MAX8745 Datasheet HTML 29Page - Maxim Integrated Products MAX8745 Datasheet HTML 30Page - Maxim Integrated Products MAX8745 Datasheet HTML 31Page - Maxim Integrated Products MAX8745 Datasheet HTML 32Page - Maxim Integrated Products MAX8745 Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
High-Efficiency, Quad Output, Main Power-
Supply Controllers for Notebook Computers
______________________________________________________________________________________
29
(see stability requirements), the filter capacitor’s ESR
dominates the output voltage ripple. So the output capaci-
tor’s size depends on the maximum ESR required to meet
the output voltage ripple (VRIPPLE(P-P)) specifications:
VRIPPLE(P-P) = RESRILOAD(MAX)LIR
In Idle Mode, the inductor current becomes discontinu-
ous, with peak currents set by the Idle Mode current-
sense threshold (VIDLE = 0.2VLIMIT). In Idle Mode, the
no-load output ripple may be determined as follows:
The actual capacitance value required relates to the
physical size needed to achieve low ESR, as well as to
the chemistry of the capacitor technology. Thus, the
capacitor is usually selected by ESR and voltage rating
rather than by capacitance value (this is true of tanta-
lums, OS-CONs, polymers, and other electrolytics).
When using low-capacity filter capacitors, such as
ceramic capacitors, size is usually determined by the
capacity needed to prevent VSAG and VSOAR from
causing problems during load transients. Generally,
once enough capacitance is added to meet the over-
shoot requirement, undershoot at the rising load edge
is no longer a problem (see the VSAG and VSOAR equa-
tions in the Transient Response section). However, low-
capacity filter capacitors typically have high ESR zeros
that may affect the overall stability (see the Output-
Capacitor Stability Considerations section).
Output-Capacitor Stability Considerations
Stability is determined by the value of the ESR zero rel-
ative to the switching frequency. The boundary of insta-
bility is given by the following equation:
where:
For a typical 300kHz application, the ESR zero frequen-
cy must be well below 95kHz, preferably below 50kHz.
Tantalum and OS-CON capacitors in widespread use
at the time of publication have typical ESR zero fre-
quencies of 25kHz. In the design example used for
inductor selection, the ESR needed to support 25mVP-P
ripple is 25mV/1.5A = 16.7m
Ω. One 220µF/4V Sanyo
polymer (TPE) capacitor provides 15m
Ω (max) ESR.
This results in a zero at 48kHz, well within the bounds
of stability.
For low-input voltage applications where the duty cycle
exceeds 50% (VOUT/VIN
≥ 50%), the output ripple volt-
age should not be greater than twice the internal slope-
compensation voltage:
VRIPPLE
≤ 0.02 x VOUT
where VRIPPLE equals
ΔIINDUCTOR x RESR. The worst-
case ESR limit occurs when VIN = 2 x VOUT, so the
above equation may be simplified to provide the follow-
ing boundary condition:
RESR
≤ 0.04 x L x fSW
Do not put high-value ceramic capacitors directly
across the feedback sense point without taking precau-
tions to ensure stability. Large ceramic capacitors can
have a high ESR zero frequency and cause erratic,
unstable operation. However, it is easy to add enough
series resistance by placing the capacitors a couple of
inches downstream from the feedback sense point,
which should be as close as possible to the inductor.
Unstable operation manifests itself in two related but
distinctly different ways: short/long pulses and cycle
skipping resulting in lower frequency operation.
Instability occurs due to noise on the output or because
the ESR is so low that there is not enough voltage ramp
in the output voltage signal. This “fools” the error com-
parator into triggering too early or into skipping a cycle.
Cycle skipping is more annoying than harmful, resulting
in nothing worse than increased output ripple.
However, it can indicate the possible presence of loop
instability due to insufficient ESR. Loop instability can
result in oscillations at the output after line or load
steps. Such perturbations are usually damped, but can
cause the output voltage to rise above or fall below the
tolerance limits.
The easiest method for checking stability is to apply a
very fast zero-to-max load transient and carefully
observe the output-voltage-ripple envelope for over-
shoot and ringing. It may help to simultaneously moni-
tor the inductor current with an AC current probe. Do
not allow more than three cycles of ringing after the ini-
tial step-response under/overshoot.
Input Capacitor Selection
The input capacitor must meet the ripple current
requirement (IRMS) imposed by the switching currents.
For an out-of-phase regulator, the total RMS current in
the input capacitor is a function of the load currents,
f
RC
ESR
ESR OUT
=
1
2
π
f
f
ESR
OSC
≤
π
V
VR
R
RIPPLE P P
IDLE ESR
SENSE
(– ) =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com