Electronic Components Datasheet Search
  English  ▼

X  

MAX8745 Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # MAX8745
Description  High-Efficiency, Quad Output, Main Power-Supply Controllers for Notebook Computers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8745 Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button MAX8745 Datasheet HTML 19Page - Maxim Integrated Products MAX8745 Datasheet HTML 20Page - Maxim Integrated Products MAX8745 Datasheet HTML 21Page - Maxim Integrated Products MAX8745 Datasheet HTML 22Page - Maxim Integrated Products MAX8745 Datasheet HTML 23Page - Maxim Integrated Products MAX8745 Datasheet HTML 24Page - Maxim Integrated Products MAX8745 Datasheet HTML 25Page - Maxim Integrated Products MAX8745 Datasheet HTML 26Page - Maxim Integrated Products MAX8745 Datasheet HTML 27Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
High-Efficiency, Quad Output, Main Power-
Supply Controllers for Notebook Computers
______________________________________________________________________________________
23
5V output (CSL5) through an internal switch only when
CSL5 is above the LDO5 bootstrap threshold (4.5V)
and the soft-start sequence for the CSL5 side has com-
pleted. Bootstrapping works most effectively when the
fixed output voltages are used. Once LDO5 is boot-
strapped from CSL5, the internal 5V linear regulator
turns off. This reduces the internal power dissipation
and improves efficiency at higher input voltages.
Current-Limit Protection (ILIM)
The current-limit circuit uses differential current-sense
inputs (CSH_ and CSL_) to limit the peak inductor cur-
rent. If the magnitude of the current-sense signal
exceeds the current-limit threshold, the PWM controller
turns off the high-side MOSFET (Figure 3). The actual
maximum load current is less than the peak current-
limit threshold by an amount equal to half of the induc-
tor ripple current. Therefore, the maximum load
capability is a function of the current-sense resistance,
inductor value, switching frequency, and duty cycle
(VOUT/VIN).
In forced-PWM mode, the MAX8744/MAX8745 also
implement a negative current limit to prevent excessive
reverse inductor currents when VOUT is sinking current.
The negative current-limit threshold is set to approxi-
mately 120% of the positive current limit and tracks the
positive current limit when ILIM is adjusted.
Connect ILIM to LDO5 for the 50mV default threshold,
or adjust the current-limit threshold with an external
resistor-divider at ILIM. Use a 2µA to 20µA divider cur-
rent for accuracy and noise immunity. The current-limit
threshold adjustment range is from 50mV to 200mV. In
the adjustable mode, the current-limit threshold voltage
equals precisely 1/10 the voltage seen at ILIM. The
logic threshold for switchover to the default value is
approximately VLDO5 - 1V.
Carefully observe the PC board layout guidelines to
ensure that noise and DC errors do not corrupt the dif-
ferential current-sense signals seen by CSH_ and
CSL_. Place the IC close to the sense resistor with
short, direct traces, making a Kelvin-sense connection
to the current-sense resistor.
MOSFET Gate Drivers (DH_, DL_)
The DH_ and DL_ drivers are optimized for driving
moderate-sized high-side and larger low-side power
MOSFETs. This is consistent with the low duty factor
seen in notebook applications, where a large VIN -
VOUT differential exists. The high-side gate drivers
(DH_) source and sink 2A, and the low-side gate dri-
vers (DL_) source 1.7A and sink 3.3A. This ensures
robust gate drive for high-current applications. The
DH_ floating high-side MOSFET drivers are powered by
charge pumps at BST_ while the DL_ synchronous-rec-
tifier drivers are powered directly by the fixed 5V linear
regulator (LDO5).
Adaptive dead-time circuits monitor the DL_ and DH_
drivers and prevent either FET from turning on until the
other is fully off. The adaptive driver dead-time allows
operation without shoot-through with a wide range of
MOSFETs, minimizing delays and maintaining efficiency.
There must be a low-resistance, low-inductance path
from the DL_ and DH_ drivers to the MOSFET gates for
the adaptive dead-time circuits to work properly; other-
wise, the sense circuitry in the MAX8744/ MAX8745 inter-
prets the MOSFET gates as “off” while charge actually
remains. Use very short, wide traces (50 mils to 100 mils
wide if the MOSFET is in from the driver).
The internal pulldown transistor that drives DL_ low is
robust, with a 0.6
Ω (typ) on-resistance. This helps prevent
DL_ from being pulled up due to capacitive coupling from
the drain to the gate of the low-side MOSFETs when the
inductor node (LX_) quickly switches from ground to VIN.
POR
ENABLE OVP
ENABLE UVP
POWER-GOOD
FAULT
0.9 x INT REF_
FAULT
LATCH
0.7 x INT REF_
1.11 x INT REF_
6144
CLK
POWER GOOD
FAULT
PROTECTION
INTERNAL FB
Figure 6. Power-Good and Fault Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com