Electronic Components Datasheet Search
  English  ▼

X  

ISM330BX Datasheet(PDF) 48 Page - STMicroelectronics

Part # ISM330BX
Description  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX Datasheet(HTML) 48 Page - STMicroelectronics

Back Button ISM330BX Datasheet HTML 44Page - STMicroelectronics ISM330BX Datasheet HTML 45Page - STMicroelectronics ISM330BX Datasheet HTML 46Page - STMicroelectronics ISM330BX Datasheet HTML 47Page - STMicroelectronics ISM330BX Datasheet HTML 48Page - STMicroelectronics ISM330BX Datasheet HTML 49Page - STMicroelectronics ISM330BX Datasheet HTML 50Page - STMicroelectronics ISM330BX Datasheet HTML 51Page - STMicroelectronics ISM330BX Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 150 page
background image
7.4
ISM330BX internal pin status
Table 23. Internal pin status
Pin #
Name
Mode 1 function
Mode 2 function
Pin status mode 1
Pin status mode 2
1
SDO
SPI 4-wire interface serial data output (SDO)
SPI 4-wire interface serial data output (SDO)
Default: input without pull-up
Pull-up is enabled if bit SDO_PU_EN = 1 in
register PIN_CTRL (02h).
Default: input without pull-up
Pull-up is enabled if bit SDO_PU_EN = 1 in
register PIN_CTRL (02h).
TA0
I²C least significant bit of the device address (TA0)
MIPI I3C® least significant bit of the static address
(TA0)
I²C least significant bit of the device address (TA0)
MIPI I3C® least significant bit of the static address
(TA0)
2
TDMout
Connect to GND or VDDIO
TDM out
Default: input without pull-up
Pull-up is enabled if TDM_OUT_PU_EN = 1
in register IF_CFG (03h).
Default: input without pull-up
Pull-up is enabled if TDM_OUT_PU_EN = 1
in register IF_CFG (03h).
3
BCLK
Connect to GND or VDDIO
TDM bit clock
Default: input without pull-up
Default: input without pull-up
4
INT1
Programmable interrupt in I²C and SPI
Programmable interrupt in I²C and SPI
Default: output forced to ground
Default: output forced to ground
5
VDDIO
Power supply for I/O pins
Power supply for I/O pins
6
AH1/QVAR1
Connect to VDD or GND if the analog hub and/or Qvar
are disabled.
Connect to the analog input or Qvar electrode 1 if the
AH/Qvar function is enabled.(1)
Connect to VDD or GND if the analog hub and/or Qvar
are disabled.
Connect to the analog input or Qvar electrode 1 if the
AH/Qvar function is enabled.(1)
7
GND
0 V supply
0 V supply
8
VDD
Power supply
Power supply
9
AH2/QVAR2
Connect to VDD or GND if the analog hub and/or Qvar
are disabled.
Connect to the analog input or Qvar electrode 2 if the
AH/Qvar function is enabled.(1)
Connect to VDD or GND if the analog hub and/or Qvar
are disabled.
Connect to the analog input or Qvar electrode 2 if the
AH/Qvar function is enabled.(1)
10
INT2
Programmable interrupt in I²C and SPI
Programmable interrupt in I²C and SPI
Default: output forced to ground
Default: output forced to ground
11
WCLK
Connect to VDDIO or leave unconnected
TDM word clock
Default: input with pull-up
Pull-up is disabled if TDM_WCLK_PU_DIS
= 1 in register PIN_CTRL (02h).
Default: input with pull-up
Pull-up is disabled if TDM_WCLK_PU_DIS
= 1 in register PIN_CTRL (02h).
12
CS
I²C / MIPI I3C® or SPI mode selection
(1: SPI idle mode and I²C / MIPI I3C® communication
enabled;
0: SPI communication mode enabled and I²C / MIPI
I3C® disabled)
I²C / MIPI I3C® or SPI mode selection
(1: SPI idle mode and I²C / MIPI I3C® communication
enabled;
0: SPI communication mode enabled and I²C / MIPI
I3C® disabled)
Default: input with pull-up
Pull-up is disabled if bit I2C_I3C_disable = 1
in register IF_CFG (03h).
Default: input with pull-up
Pull-up is disabled if bit I2C_I3C_disable = 1
in register IF_CFG (03h).
13
SCL
I²C / MIPI I3C® serial clock (SCL) / SPI serial port clock
(SPC)
I²C / MIPI I3C® serial clock (SCL) / SPI serial port clock
(SPC)
Default: input without pull-up
Default: input without pull-up
14
SDA
I²C / MIPI I3C® serial data (SDA) / SPI serial data input
(SDI) / 3-wire interface serial data output (SDO)
I²C / MIPI I3C® serial data (SDA) / SPI serial data input
(SDI) / 3-wire interface serial data output (SDO)
Default: input without pull-up
Pull-up is enabled if bit SDA_PU_EN = 1 in
register IF_CFG (03h).
Default: input without pull-up
Pull-up is enabled if bit SDA_PU_EN = 1 in
register IF_CFG (03h).
1. The analog hub and Qvar functions are enabled by setting the AH_QVAR_EN bit to 1 in CTRL7 (16h).
The internal pull-up value is from 30 kΩ to 50 kΩ, depending on VDDIO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com