Electronic Components Datasheet Search
  English  ▼

X  

ISM330BX Datasheet(PDF) 33 Page - STMicroelectronics

Part # ISM330BX
Description  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ISM330BX Datasheet HTML 29Page - STMicroelectronics ISM330BX Datasheet HTML 30Page - STMicroelectronics ISM330BX Datasheet HTML 31Page - STMicroelectronics ISM330BX Datasheet HTML 32Page - STMicroelectronics ISM330BX Datasheet HTML 33Page - STMicroelectronics ISM330BX Datasheet HTML 34Page - STMicroelectronics ISM330BX Datasheet HTML 35Page - STMicroelectronics ISM330BX Datasheet HTML 36Page - STMicroelectronics ISM330BX Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 150 page
background image
5.3.4
TDM configurations
All the ISM330BX TDM configurations programmable through the I²C/SPI/I3C interface are detailed in the
following subsections.
5.3.4.1
Configuration 1
•
No delay: SLOT0 data MSB is sampled on the first rising edge of BCLK after rising edge of WCLK (delayed
I²C register TDM_CFG0 (6Ch) bit 6 equal to zero)
•
Data valid: data valid on the rising edge of BCLK (data_valid I²C register TDM_CFG0 (6Ch) bit 5 equal to
zero)
Figure 17. WCLK, TDMout change on the falling edge of BCLK and are valid on the rising edge of BCLK,
no delay
Note:
Setup and hold times are defined in Table 9. TDM timing values.
5.3.4.2
Configuration 2
•
No delay: SLOT0 data MSB is sampled on the first falling edge of BCLK after rising edge of WCLK
(delayed I²C register TDM_CFG0 (6Ch) bit 6 equal to zero)
•
Data valid: data valid on the falling edge of BCLK (data_valid I²C register TDM_CFG0 (6Ch) bit 5 equal to
one)
Figure 18. WCLK, TDMout change on the rising edge of BCLK and are valid on the falling edge of BCLK,
no delay
Note:
Setup and hold times are defined in Table 9. TDM timing values.
ISM330BX
Digital interfaces
DS14588 - Rev 2
page 33/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com