Electronic Components Datasheet Search
  English  ▼

X  

ISM330BX Datasheet(PDF) 20 Page - STMicroelectronics

Part # ISM330BX
Description  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ISM330BX Datasheet HTML 16Page - STMicroelectronics ISM330BX Datasheet HTML 17Page - STMicroelectronics ISM330BX Datasheet HTML 18Page - STMicroelectronics ISM330BX Datasheet HTML 19Page - STMicroelectronics ISM330BX Datasheet HTML 20Page - STMicroelectronics ISM330BX Datasheet HTML 21Page - STMicroelectronics ISM330BX Datasheet HTML 22Page - STMicroelectronics ISM330BX Datasheet HTML 23Page - STMicroelectronics ISM330BX Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 150 page
background image
4.4.3
TDM - time-division multiplexing interface
@VDDIO = 1.8 V, T = 25°C unless otherwise noted. Refer to Section 5.3: TDM interface for additional details.
Table 9. TDM timing values
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
BCLKf
BCLK frequency (1/tp)
WCLK = 16 kHz
2048
kHz
BWCLKA
BCLK/WCLK frequency accuracy
-0.1
+0.1
%
BCLKj
BCLK jitter
4
ns
(peak to peak)
WCLK8
8 kHz WCLK mode
8
kHz
WCLK16
16 kHz WCLK mode
16
PDC
All clock pin duty cycle - referred to BCLK (except WCLK)
45
55
%
WST
WCLK setup time before BCLK rising/falling edge (tss1)
20
ns
WHT
WCLK hold time after BCLK rising/falling edge (ths3)
20
ns
TDMST
TDMout setup time before BCLK rising/falling edge (tss2)
15
ns
TDMHTR
TDMout hold time after BCLK rising/falling edge (ths1)
15
ns
TDMHTZ
TDMout hold time of LSB after BCLK rising/falling edge (ths2)
15
65
ns
CBCLK
BCLK pin capacitance
10
pF
CTDMout
TDMout load capacitance
60
Note:
All setup times and hold times in Table 9 and in Figure 10 are valid for BCLK polarity set to “clock on rising”. If
BCLK polarity is set to “clock on falling”, then all setup and hold times will refer to the falling edge of BCLK
instead. Please refer to Section 5.3: TDM interface for additional details.
Figure 10. TDM timing diagram
BCLK
TDMout
MSB
LSB
WCLK
tss1
t p
tss2
ths1
ths2
ths3
ISM330BX
Module specifications
DS14588 - Rev 2
page 20/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com