Electronic Components Datasheet Search
  English  ▼

X  

ISM330BX Datasheet(PDF) 53 Page - STMicroelectronics

Part # ISM330BX
Description  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ISM330BX Datasheet HTML 49Page - STMicroelectronics ISM330BX Datasheet HTML 50Page - STMicroelectronics ISM330BX Datasheet HTML 51Page - STMicroelectronics ISM330BX Datasheet HTML 52Page - STMicroelectronics ISM330BX Datasheet HTML 53Page - STMicroelectronics ISM330BX Datasheet HTML 54Page - STMicroelectronics ISM330BX Datasheet HTML 55Page - STMicroelectronics ISM330BX Datasheet HTML 56Page - STMicroelectronics ISM330BX Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 150 page
background image
9.3
IF_CFG (03h)
Interface configuration register (R/W). This register is not reset during the software reset procedure (see bit 0 of
the CTRL3 (12h) register).
Table 29. IF_CFG register
SDA_PU_EN
TDM_OUT
_PU_EN
ASF_CTRL
H_LACTIVE
PP_OD
SIM
0(1)
I2C_I3C_
disable
1. This bit must be set to 0 for the correct operation of the device.
Table 30. IF_CFG register description
SDA_PU_EN
Enables pull-up on SDA pin. Default value: 0
(0: SDA pin pull-up disconnected;
1: SDA pin with pull-up)
TDM_OUT_PU_EN
Enables pull-up on TDMout pin. Default value: 0
(0: TDMout pin pull-up disconnected;
1: TDMout pin with pull-up)
ASF_CTRL
Enables antispike filters. Default value: 0
(0: antispike filters are managed by the protocol and turned off after the broadcast address;
1: antispike filters on SCL and SDA lines are always enabled)
H_LACTIVE
Interrupt activation level. Default value: 0
(0: interrupt output pins active high;
1: interrupt output pins active low)
PP_OD
Push-pull/open-drain selection on INT1 and INT2 pins. Default value: 0
(0: push-pull mode;
1: open-drain mode)
SIM
SPI serial interface mode selection. Default value: 0
(0: 4-wire interface;
1: 3-wire interface)
I2C_I3C_disable
Disables I²C and MIPI I3C® interfaces. Default value: 0
(0: SPI, I²C, and MIPI I3C® interfaces enabled;
1: I²C and MIPI I3C® interfaces disabled)
ISM330BX
Register description
DS14588 - Rev 2
page 53/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com