Electronic Components Datasheet Search
  English  ▼

X  

ISM330BX Datasheet(PDF) 38 Page - STMicroelectronics

Part # ISM330BX
Description  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ISM330BX Datasheet HTML 34Page - STMicroelectronics ISM330BX Datasheet HTML 35Page - STMicroelectronics ISM330BX Datasheet HTML 36Page - STMicroelectronics ISM330BX Datasheet HTML 37Page - STMicroelectronics ISM330BX Datasheet HTML 38Page - STMicroelectronics ISM330BX Datasheet HTML 39Page - STMicroelectronics ISM330BX Datasheet HTML 40Page - STMicroelectronics ISM330BX Datasheet HTML 41Page - STMicroelectronics ISM330BX Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 150 page
background image
Qvar data can be stored in FIFO (by setting the AH_QVAR_BATCH_EN bit to 1 in the COUNTER_BDR_REG1
(0Bh) register) and can also be processed by MLC/FSM logic.
The equivalent input impedance of the Qvar buffers can be selected by properly setting the
AH_QVAR_C_ZIN_[1:0] bits in the CTRL7 (16h) register.
Finally, the AH_QVAR_SW bit in the CTRL10 (19h) register allows internally swapping the input electrodes
connected to the AH1/QVAR1 and AH2/QVAR2 pins.
6.7
Block diagram of filters
Figure 23. Block diagram of filters
ADC1
ADC2
Low-Pass
Gyro UI
Low-Pass Qvar
dedicated filter
Low-Pass
TDM XL
Regs
array,
FIFO
interface
Interrupt
mng
TDM
interface
Voltage and current
references
Trimming circuit
and Test interface
Clock and phase
generator
Power
management
FTP
CS
SCL/SPC
SDA/SDI/SDO
SDO/TA0
WCLK
BCLK
TDMout
INT1
INT2
M
E
M
S
S
E
N
S
O
R
Low-Pass
UI XL
Gyro UI
front-end
XL UI/TDM
front-end
Temperature
sensor & Qvar
I2C/
/SPI
MIPI I3C®
ADC3
ISM330BX
Functionality
DS14588 - Rev 2
page 38/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com