Electronic Components Datasheet Search
  English  ▼

X  

ISM330BX Datasheet(PDF) 61 Page - STMicroelectronics

Part # ISM330BX
Description  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX Datasheet(HTML) 61 Page - STMicroelectronics

Back Button ISM330BX Datasheet HTML 57Page - STMicroelectronics ISM330BX Datasheet HTML 58Page - STMicroelectronics ISM330BX Datasheet HTML 59Page - STMicroelectronics ISM330BX Datasheet HTML 60Page - STMicroelectronics ISM330BX Datasheet HTML 61Page - STMicroelectronics ISM330BX Datasheet HTML 62Page - STMicroelectronics ISM330BX Datasheet HTML 63Page - STMicroelectronics ISM330BX Datasheet HTML 64Page - STMicroelectronics ISM330BX Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 150 page
background image
9.14
CTRL2 (11h)
Gyroscope control register 2 (R/W)
Table 51. CTRL2 register
0(1)
OP_MODE_
G_2
OP_MODE_
G_1
OP_MODE_
G_0
ODR_G_3
ODR_G_2
ODR_G_1
ODR_G_0
1. This bit must be set to 0 for the correct operation of the device.
Table 52. CTRL2 register description
OP_MODE_G_[2:0]
Gyroscope operating mode selection.
(000: high-performance mode (default);
001: reserved;
010: reserved;
011: reserved;
100: sleep mode;
101: low-power mode;
110-111: reserved)
ODR_G_[3:0]
Gyroscope output data rate selection.
(See Table 53)
Table 53. Gyroscope ODR selection
ODR_G_3
ODR_G_2
ODR_G_1
ODR_G_0
ODR [Hz]
0
0
0
0
Power-down (default)
0
0
1
0
7.5 Hz (low-power, high-performance mode)
0
0
1
1
15 Hz (low-power, high-performance mode)
0
1
0
0
30 Hz (low-power, high-performance mode)
0
1
0
1
60 Hz (low-power, high-performance mode)
0
1
1
0
120 Hz (low-power, high-performance mode)
0
1
1
1
240 Hz (low-power, high-performance mode)
1
0
0
0
480 Hz (high-performance mode)
1
0
0
1
960 Hz (high-performance mode)
1
0
1
0
1.92 kHz (high-performance mode)
1
0
1
1
3.84 kHz (high-performance mode)
Others
Reserved
ISM330BX
Register description
DS14588 - Rev 2
page 61/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com