Electronic Components Datasheet Search
  English  ▼

X  

ISM330BX Datasheet(PDF) 88 Page - STMicroelectronics

Part # ISM330BX
Description  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX Datasheet(HTML) 88 Page - STMicroelectronics

Back Button ISM330BX Datasheet HTML 84Page - STMicroelectronics ISM330BX Datasheet HTML 85Page - STMicroelectronics ISM330BX Datasheet HTML 86Page - STMicroelectronics ISM330BX Datasheet HTML 87Page - STMicroelectronics ISM330BX Datasheet HTML 88Page - STMicroelectronics ISM330BX Datasheet HTML 89Page - STMicroelectronics ISM330BX Datasheet HTML 90Page - STMicroelectronics ISM330BX Datasheet HTML 91Page - STMicroelectronics ISM330BX Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 150 page
background image
9.56
WAKE_UP_DUR (5Ch)
Free-fall, wake-up, and sleep mode functions duration setting register (R/W)
Table 152. WAKE_UP_DUR register
FF_DUR_5
WAKE_DUR_1
WAKE_DUR_0
0(1)
SLEEP_DUR_3
SLEEP_DUR_2
SLEEP_DUR_1
SLEEP_DUR_0
1. This bit must be set to 0 for the correct operation of the device.
Table 153. WAKE_UP_DUR register description
FF_DUR_5
Free-fall duration event. Default: 0
For the complete configuration of the free-fall duration, refer to FF_DUR_[4:0] in the FREE_FALL (5Dh)
configuration.
1 LSB = 1/ODR_XL time
WAKE_DUR_[1:0]
Wake-up duration event. Default: 00
1 LSB = 1/ODR_XL time
SLEEP_DUR_[3:0]
Duration to go in sleep mode. Default value: 0000 (this corresponds to 16 ODR)
1 LSB = 512/ODR_XL time
9.57
FREE_FALL (5Dh)
Free-fall function duration setting register (R/W)
Table 154. FREE_FALL register
FF_DUR_4
FF_DUR_3
FF_DUR_2
FF_DUR_1
FF_DUR_0
FF_THS_2
FF_THS_1
FF_THS_0
Table 155. FREE_FALL register description
FF_DUR_[4:0]
Free-fall duration event. Default: 0
For the complete configuration of the free-fall duration, refer to FF_DUR_5 in the WAKE_UP_DUR (5Ch)
configuration.
FF_THS_[2:0]
Free-fall threshold setting. Default: 000
For details refer to Table 156.
Table 156. Threshold for free-fall function
FF_THS_[2:0]
Threshold value
000
156 mg
001
219 mg
010
250 mg
011
312 mg
100
344 mg
101
406 mg
110
469 mg
111
500 mg
ISM330BX
Register description
DS14588 - Rev 2
page 88/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com