Electronic Components Datasheet Search
  English  ▼

X  

ISM330BX Datasheet(PDF) 11 Page - STMicroelectronics

Part # ISM330BX
Description  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ISM330BX Datasheet HTML 7Page - STMicroelectronics ISM330BX Datasheet HTML 8Page - STMicroelectronics ISM330BX Datasheet HTML 9Page - STMicroelectronics ISM330BX Datasheet HTML 10Page - STMicroelectronics ISM330BX Datasheet HTML 11Page - STMicroelectronics ISM330BX Datasheet HTML 12Page - STMicroelectronics ISM330BX Datasheet HTML 13Page - STMicroelectronics ISM330BX Datasheet HTML 14Page - STMicroelectronics ISM330BX Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 150 page
background image
In the following table each mode is described for the pin connections and function.
Table 2. Pin description
Pin#
Name
Mode 1 function
Mode 2 function
1
SDO/TA0
SPI 4-wire interface serial data output (SDO)
I²C least significant bit of the device address (TA0)
SPI 4-wire interface serial data output (SDO)
I²C least significant bit of the device address (TA0)
2
TDMout
Connect to GND or VDDIO
TDM out
3
BCLK
Connect to GND or VDDIO
TDM bit clock
4
INT1
Programmable interrupt in I²C and SPI
Programmable interrupt in I²C and SPI
5
VDDIO(1)
Power supply for I/O pins
6
AH1/QVAR1
Connect to VDD or GND if the analog hub and Qvar are
disabled.
AH input 1 (or Qvar electrode 1) is connected if the analog
hub (or Qvar functionality) is enabled.
Connect to VDD or GND if the analog hub and Qvar are
disabled.
AH input 1 (or Qvar electrode 1) is connected if the analog
hub (or Qvar functionality) is enabled.
7
GND
0 V supply
8
VDD(1)
Power supply
9
AH2/QVAR2
Connect to VDD or GND if the analog hub and Qvar are
disabled.
AH input 2 (or Qvar electrode 2) is connected if the analog
hub (or Qvar functionality) is enabled.
Connect to VDD or GND if the analog hub and Qvar are
disabled.
AH input 2 (or Qvar electrode 2) is connected if the analog
hub (or Qvar functionality) is enabled.
10
INT2
Programmable interrupt 2 in I²C and SPI
Programmable interrupt 2 in I²C and SPI
11
WCLK
Connect to VDDIO or leave unconnected
TDM word clock
12
CS
I²C / MIPI I3C® or SPI mode selection
(1: SPI idle mode and I²C / MIPI I3C® communication
enabled;
0: SPI communication mode enabled and I²C / MIPI I3C®
disabled)
I²C / MIPI I3C® or SPI mode selection
(1: SPI idle mode and I²C / MIPI I3C® communication
enabled;
0: SPI communication mode enabled and I²C / MIPI I3C®
disabled)
13
SCL
I²C / MIPI I3C® serial clock (SCL)
SPI serial port clock (SPC)
I²C / MIPI I3C® serial clock (SCL)
SPI serial port clock (SPC)
14
SDA
I²C / MIPI I3C® serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output (SDO)
I²C / MIPI I3C® serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output (SDO)
1. Recommended 100 nF filter capacitor
ISM330BX
Pin description
DS14588 - Rev 2
page 11/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com