Electronic Components Datasheet Search
  English  ▼

X  

LX1992 Datasheet(PDF) 9 Page - Microsemi Corporation

Part # LX1992
Description  High Efficiency LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1992 Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button LX1992 Datasheet HTML 3Page - Microsemi Corporation LX1992 Datasheet HTML 4Page - Microsemi Corporation LX1992 Datasheet HTML 5Page - Microsemi Corporation LX1992 Datasheet HTML 6Page - Microsemi Corporation LX1992 Datasheet HTML 7Page - Microsemi Corporation LX1992 Datasheet HTML 8Page - Microsemi Corporation LX1992 Datasheet HTML 9Page - Microsemi Corporation LX1992 Datasheet HTML 10Page - Microsemi Corporation LX1992 Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 9
Copyright
© 2000
Rev. 1.1b, 2005-03-03
LX1992
High Efficiency LED Driver
PRODUCTION DATA SHEET
TM
®
CHARACT ER I S TI C CURVES
Figure 5: VOUT and Inductor Current Waveforms.
Channel 1: VOUT (AC coupled; 200mV/div)
Channel 2: Inductor Current (100mA/div.)
Configuration: VIN = 3.0V, VOUT = 13.0V, IIN = 65mA
Figure 6: VOUT and Inductor Current Waveforms.
Channel 1: VOUT (AC coupled; 100mV/div)
Channel 2: Inductor Current (100mA/div.)
Configuration: VIN = 3.0V, VOUT = 13.7V, IIN = 120mA
0
1
2
3
4
5
0
20
40
60
80
100
120
140
160
Driv e Current (mA)
Figure 7: Gate Drive Voltage vs. Drive Current
at T = 25
oC.
50%
60%
70%
80%
90%
0
2
4
6
8
1012
14
1618
LED Current (mA)
Figure 8: Efficiency vs. LED Output Current.
Configuration: VIN = 3.0V, L = 47µH, RCS = 4KΩ
Note: Data taken from LXE1992 Evaluation Board
50%
60%
70%
80%
90%
100%
0
2
4
6
8
10
1214
1618
2022
24
LED Current (mA)
Figure 9: Efficiency vs. LED Output Current.
Configuration: VIN = 5.0V, L = 47µH, RCS = 4KΩ
Note: Data taken from LXE1992 Evaluation Board
Efficiency Measurement Hint
: When doing an efficiency
evaluation using the LX1992 Evaluation Board, VPOT should
be driven by a separate voltage supply to account for losses
associated with the onboard reference (i.e., the 1.25V shunt
regulator and 1KΩ resistor). This circuit will have VBAT -
1.25V across it and at the higher input voltages the 1KΩ
resistor could have as much as 4mA through it. This shunt
regulator circuitry will adversely effect the overall efficiency
measurement and is not normally used in an application.
Therefore it should not be considered when measuring
efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com