Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 166 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x Sitara™ Processors
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 166 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 162Page - Texas Instruments AM3359 Datasheet HTML 163Page - Texas Instruments AM3359 Datasheet HTML 164Page - Texas Instruments AM3359 Datasheet HTML 165Page - Texas Instruments AM3359 Datasheet HTML 166Page - Texas Instruments AM3359 Datasheet HTML 167Page - Texas Instruments AM3359 Datasheet HTML 168Page - Texas Instruments AM3359 Datasheet HTML 169Page - Texas Instruments AM3359 Datasheet HTML 170Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 256 page
background image
166
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717L – OCTOBER 2011 – REVISED MARCH 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Peripheral Information and Timings
Copyright © 2011–2020, Texas Instruments Incorporated
7.7.2.2.2.9 DDR2 Signal Termination
Signal terminations are required on the CK and ADDR_CTRL net class signals. Serial terminations should
be used on the CK and ADDR_CTRL lines and is the preferred termination scheme. On-device
terminations (ODTs) are required on the DQS[x] and DQ[x] net class signals. They should be enabled to
ensure signal integrity. Table 7-54 shows the specifications for the series terminators. Placement of serial
terminations for ADDR_CTRL net class signals should be close to the AM335x device.
Table 7-54. DDR2 Signal Terminations
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
CK net class(1)
0
10
Ω
2
ADDR_CTRL net class(1)(2)(3)
0
22
Zo(4)
Ω
3
DQS0, DQS1, DQ0, and DQ1 net classes(5)
N/A
N/A
Ω
(1) Only series termination is permitted.
(2) Series termination values larger than typical only recommended to address EMI issues.
(3) Series termination values should be uniform across net class.
(4) Zo is the DDR2 PCB trace characteristic impedance.
(5) No external termination resistors are allowed and ODT must be used for these net classes.
If the DDR2 interface is operated at a lower frequency (<200-MHz clock rate), on-device terminations are
not specifically required for the DQS[x] and DQ[x] net class signals and serial terminations for the CK and
ADDR_CTRL net class signals are not mandatory. System designers may evaluate the need for serial
terminators for EMI and overshoot reduction. Placement of serial terminations for DQS[x] and DQ[x] net
class signals should be determined based on PCB analysis. Placement of serial terminations for
ADDR_CTRL net class signals should be close to the AM335x device. Table 7-55 shows the
specifications for the serial terminators in such cases.
Table 7-55. Lower-Frequency DDR2 Signal Terminations
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
CK net class(1)
0
22
Zo(2)
Ω
2
ADDR_CTRL net class(1)(3)(4)
0
22
Zo(2)
Ω
3
DQS0, DQS1, DQ0, and DQ1 net classes
0
22
Zo(2)
Ω
(1) Only series termination is permitted.
(2) Zo is the DDR2 PCB trace characteristic impedance.
(3) Series termination values larger than typical only recommended to address EMI issues.
(4) Series termination values should be uniform across net class.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com