Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x Sitara™ Processors
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 85 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 81Page - Texas Instruments AM3359 Datasheet HTML 82Page - Texas Instruments AM3359 Datasheet HTML 83Page - Texas Instruments AM3359 Datasheet HTML 84Page - Texas Instruments AM3359 Datasheet HTML 85Page - Texas Instruments AM3359 Datasheet HTML 86Page - Texas Instruments AM3359 Datasheet HTML 87Page - Texas Instruments AM3359 Datasheet HTML 88Page - Texas Instruments AM3359 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 256 page
background image
85
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717L – OCTOBER 2011 – REVISED MARCH 2020
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Specifications
Copyright © 2011–2020, Texas Instruments Incorporated
Recommended Operating Conditions (continued)
over junction temperature range (unless otherwise noted)
SUPPLY NAME
DESCRIPTION
MIN
NOM
MAX
UNIT
VDDSHV3(6)
Supply voltage range for dual-
voltage I/O domain (1.8-V
operation)
1.710
1.800
1.890
V
VDDSHV4
Supply voltage range for dual-
voltage I/O domain (1.8-V
operation)
1.710
1.800
1.890
V
VDDSHV5
Supply voltage range for dual-
voltage I/O domain (1.8-V
operation)
1.710
1.800
1.890
V
VDDSHV6
Supply voltage range for dual-
voltage I/O domain (1.8-V
operation)
1.710
1.800
1.890
V
VDDSHV1
Supply voltage range for dual-
voltage I/O domain (3.3-V
operation)
3.135
3.300
3.465
V
VDDSHV2(6)
Supply voltage range for dual-
voltage I/O domain (3.3-V
operation)
3.135
3.300
3.465
V
VDDSHV3(6)
Supply voltage range for dual-
voltage I/O domain (3.3-V
operation)
3.135
3.300
3.465
V
VDDSHV4
Supply voltage range for dual-
voltage I/O domain (3.3-V
operation)
3.135
3.300
3.465
V
VDDSHV5
Supply voltage range for dual-
voltage I/O domain (3.3-V
operation)
3.135
3.300
3.465
V
VDDSHV6
Supply voltage range for dual-
voltage I/O domain (3.3-V
operation)
3.135
3.300
3.465
V
DDR_VREF
Voltage range for DDR SSTL and
HSTL reference input (DDR2,
DDR3, DDR3L)
0.49 × VDDS_DDR 0.50 × VDDS_DDR 0.51 × VDDS_DDR
V
USB0_VBUS
Voltage range for USB VBUS
comparator input
0.000
5.000
5.250
V
USB1_VBUS(6)
Voltage range for USB VBUS
comparator input
0.000
5.000
5.250
V
USB0_ID
Voltage range for the USB ID
input
(7)
V
USB1_ID(6)
Voltage range for the USB ID
input
(7)
V
Operating temperature
range, TJ
Commercial temperature
0
90
°C
Industrial temperature
–40
90
Extended temperature
–40
105
Industrial Extended temperature
–40
125
(1) The supply voltage defined by OPP100 should be applied to this power domain before the device is released from reset.
(2) Not available on the ZCE package. VDD_MPU is merged with VDD_CORE on the ZCE package.
(3) This supply is sourced from an internal LDO when RTC_KALDO_ENn is low. If RTC_KALDO_ENn is high, this supply must be sourced
from an external power supply.
(4) VDDS should be supplied irrespective of 1.8- or 3.3-V mode of operation of the dual-voltage I/Os.
(5) For more details on power supply requirements, see Section 6.1.4.
(6) Not available on the ZCE package.
(7) This terminal is connected to analog circuits in the respective USB PHY. The circuit sources a known current while measuring the
voltage to determine if the terminal is connected to VSSA_USB with a resistance less than 10 Ω or greater than 100 kΩ. The terminal
should be connected to ground for USB host operation or open-circuit for USB peripheral operation, and should never be connected to
any external voltage source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com