Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x Sitara™ Processors
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 97 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 93Page - Texas Instruments AM3359 Datasheet HTML 94Page - Texas Instruments AM3359 Datasheet HTML 95Page - Texas Instruments AM3359 Datasheet HTML 96Page - Texas Instruments AM3359 Datasheet HTML 97Page - Texas Instruments AM3359 Datasheet HTML 98Page - Texas Instruments AM3359 Datasheet HTML 99Page - Texas Instruments AM3359 Datasheet HTML 100Page - Texas Instruments AM3359 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 256 page
background image
97
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717L – OCTOBER 2011 – REVISED MARCH 2020
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Specifications
Copyright © 2011–2020, Texas Instruments Incorporated
Table 5-16. TSC_ADC Electrical Parameters (continued)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
Spurious free dynamic
range
Internal voltage reference:
VDDA_ADC = 1.8 V
External voltage reference:
VREFP – VREFN = 1.8 V
Input signal: 30-kHz sine wave at
–0.5-dB full scale
80
dB
Signal-to-noise plus
distortion
Internal voltage reference:
VDDA_ADC = 1.8 V
External voltage reference:
VREFP – VREFN = 1.8 V
Input signal: 30-kHz sine wave at
–0.5-dB full scale
69
dB
VREFP and VREFN input impedance
20
kΩ
Input impedance of
AIN[7:0](2)
ƒ = Input frequency
[1 / ((65.97 × 10–12) × ƒ)]
Ω
Sampling Dynamics
ADC clock frequency
1
3
MHz
Conversion time
13
ADC
clock
cycles
Acquisition time
2
257
ADC
clock
cycles
Sampling rate
200
kSPS
Channel-to-channel isolation
100
dB
Touch Screen Switch Drivers
Pullup and pulldown switch ON resistance (Ron)
2
Ω
Pullup and pulldown switch
current leakage Ileak
Source impedance = 500 Ω
0.5
uA
Drive current
25
mA
Touch screen resistance
6
kΩ
Pen touch detect
2
kΩ
(1) VREFP and VREFN must be tied to ground if the internal voltage reference is used.
(2) This parameter is valid when the respective AIN terminal is configured to operate as a general-purpose ADC input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com