Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 94 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x Sitara™ Processors
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 94 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 90Page - Texas Instruments AM3359 Datasheet HTML 91Page - Texas Instruments AM3359 Datasheet HTML 92Page - Texas Instruments AM3359 Datasheet HTML 93Page - Texas Instruments AM3359 Datasheet HTML 94Page - Texas Instruments AM3359 Datasheet HTML 95Page - Texas Instruments AM3359 Datasheet HTML 96Page - Texas Instruments AM3359 Datasheet HTML 97Page - Texas Instruments AM3359 Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 256 page
background image
94
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717L – OCTOBER 2011 – REVISED MARCH 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Specifications
Copyright © 2011–2020, Texas Instruments Incorporated
(1) Not available on the ZCE package.
(2) Typical values consist of one capacitor of 10 μF and four capacitors of 10 nF.
(3) For more details on decoupling capacitor requirements for the mDDR(LPDDR), DDR2, DDR3, DDR3L memory interface, see
Section 7.7.2.1.2.6 and Section 7.7.2.1.2.7 when using mDDR(LPDDR) memory devices, Section 7.7.2.2.2.6 and Section 7.7.2.2.2.7
when using DDR2 memory devices, or Section 7.7.2.3.3.6 and Section 7.7.2.3.3.7 when using DDR3 or DDR3L memory devices.
(4) VDDS_SRAM_CORE_BG supply powers an internal LDO for SRAM supplies. Inrush currents could cause voltage drop on the
VDDS_SRAM_CORE_BG supplies when the SRAM LDO is enabled after powering up VDDS_SRAM_CORE_BG terminals. A 10 µF is
recommended to be placed close to the terminal and routed with widest traces possible to minimize the voltage drop on
VDDS_SRAM_CORE_BG terminals.
(5) VDDS_SRAM_MPU_BB supply powers an internal LDO for SRAM supplies. Inrush currents could cause voltage drop on the
VDDS_SRAM_MPU_BB supplies when the SRAM LDO is enabled after powering up VDDS_SRAM_MPU_BB terminals. A 10 µF is
recommended to be placed close to the terminal and routed with widest traces possible to minimize the voltage drop on
VDDS_SRAM_MPU_BB terminals.
(6) Typical values consist of one capacitor of 10 μF and two capacitors of 10 nF.
(7) Typical values consist of one capacitor of 10 μF and six capacitors of 10 nF.
5.9.2
Output Capacitors
Internal low dropout output (LDO) regulators require external capacitors to stabilize their outputs. These
capacitors should be placed as close as possible to the respective terminals of the AM335x device
. Table 5-15 summarizes the LDO output capacitor recommendations.
Table 5-15. Output Capacitor Characteristics
PARAMETER
TYP
UNIT
CCAP_VDD_SRAM_CORE
(1)
1
μF
CCAP_VDD_RTC
(1)(2)
1
μF
CCAP_VDD_SRAM_MPU
(1)
1
μF
CCAP_VBB_MPU
(1)
1
μF
(1) LDO regulator outputs should not be used as a power source for any external components.
(2) The CAP_VDD_RTC terminal operates as an input to the RTC core voltage domain when the RTC_KALDO_ENn terminal is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com