Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x Sitara™ Processors
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 84 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 80Page - Texas Instruments AM3359 Datasheet HTML 81Page - Texas Instruments AM3359 Datasheet HTML 82Page - Texas Instruments AM3359 Datasheet HTML 83Page - Texas Instruments AM3359 Datasheet HTML 84Page - Texas Instruments AM3359 Datasheet HTML 85Page - Texas Instruments AM3359 Datasheet HTML 86Page - Texas Instruments AM3359 Datasheet HTML 87Page - Texas Instruments AM3359 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 256 page
background image
84
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717L – OCTOBER 2011 – REVISED MARCH 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Specifications
Copyright © 2011–2020, Texas Instruments Incorporated
5.5
Recommended Operating Conditions
over junction temperature range (unless otherwise noted)
SUPPLY NAME
DESCRIPTION
MIN
NOM
MAX
UNIT
VDD_CORE(1)
Supply voltage range for core
domain; OPP100
1.056
1.100
1.144
V
Supply voltage range for core
domain; OPP50
0.912
0.950
0.988
VDD_MPU(1)(2)
Supply voltage range for MPU
domain, Nitro
1.272
1.325
1.378
V
Supply voltage range for MPU
domain; Turbo
1.210
1.260
1.326
Supply voltage range for MPU
domain; OPP120
1.152
1.200
1.248
Supply voltage range for MPU
domain; OPP100
1.056
1.100
1.144
Supply voltage range for MPU
domain; OPP50
0.912
0.950
0.988
CAP_VDD_RTC(3)
Supply voltage range for RTC
domain input
0.900
1.100
1.250
V
VDDS_RTC
Supply voltage range for RTC
domain
1.710
1.800
1.890
V
VDDS_DDR
Supply voltage range for DDR
I/O domain (DDR2)
1.710
1.800
1.890
V
Supply voltage range for DDR
I/O domain (DDR3)
1.425
1.500
1.575
Supply voltage range for DDR
I/O domain (DDR3L)
1.283
1.350
1.418
VDDS(4)
Supply voltage range for all dual-
voltage I/O domains
1.710
1.800
1.890
V
VDDS_SRAM_CORE_BG
Supply voltage range for Core
SRAM LDOs, analog
1.710
1.800
1.890
V
VDDS_SRAM_MPU_BB
Supply voltage range for MPU
SRAM LDOs, analog
1.710
1.800
1.890
V
VDDS_PLL_DDR(5)
Supply voltage range for DPLL
DDR, analog
1.710
1.800
1.890
V
VDDS_PLL_CORE_LCD(5)
Supply voltage range for DPLL
CORE and LCD, analog
1.710
1.800
1.890
V
VDDS_PLL_MPU(5)
Supply voltage range for DPLL
MPU, analog
1.710
1.800
1.890
V
VDDS_OSC
Supply voltage range for system
oscillator I/Os, analog
1.710
1.800
1.890
V
VDDA1P8V_USB0(5)
Supply voltage range for
USBPHY and PER DPLL,
analog, 1.8 V
1.710
1.800
1.890
V
VDDA1P8V_USB1(6)
Supply voltage range for USB
PHY, analog, 1.8 V
1.710
1.800
1.890
V
VDDA3P3V_USB0
Supply voltage range for USB
PHY, analog, 3.3 V
3.135
3.300
3.465
V
VDDA3P3V_USB1(6)
Supply voltage range for USB
PHY, analog, 3.3 V
3.135
3.300
3.465
V
VDDA_ADC
Supply voltage range for ADC,
analog
1.710
1.800
1.890
V
VDDSHV1
Supply voltage range for dual-
voltage I/O domain (1.8-V
operation)
1.710
1.800
1.890
V
VDDSHV2(6)
Supply voltage range for dual-
voltage I/O domain (1.8-V
operation)
1.710
1.800
1.890
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com