Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x Sitara™ Processors
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 80 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 76Page - Texas Instruments AM3359 Datasheet HTML 77Page - Texas Instruments AM3359 Datasheet HTML 78Page - Texas Instruments AM3359 Datasheet HTML 79Page - Texas Instruments AM3359 Datasheet HTML 80Page - Texas Instruments AM3359 Datasheet HTML 81Page - Texas Instruments AM3359 Datasheet HTML 82Page - Texas Instruments AM3359 Datasheet HTML 83Page - Texas Instruments AM3359 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 256 page
background image
80
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717L – OCTOBER 2011 – REVISED MARCH 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Specifications
Copyright © 2011–2020, Texas Instruments Incorporated
Absolute Maximum Ratings (continued)
over junction temperature range (unless otherwise noted)(1)(2)
(5) During functional operation, this pin is a no connect.
(6) Not available on the ZCE package.
(7) This terminal is connected to a fail-safe I/O and does not have a dependence on any I/O supply voltage.
(8) This parameter applies to all I/O terminals which are not fail-safe and the requirement applies to all values of I/O supply voltage. For
example, if the voltage applied to a specific I/O supply is 0 volts the valid input voltage range for any I/O powered by that supply will be
–0.5 to +0.3 V. Apply special attention anytime peripheral devices are not powered from the same power sources used to power the
respective I/O supply. It is important the attached peripheral never sources a voltage outside the valid input voltage range, including
power supply ramp-up and ramp-down sequences.
(9) This terminal is connected to analog circuits in the respective USB PHY. The circuit sources a known current while measuring the
voltage to determine if the terminal is connected to VSSA_USB with a resistance less than 10 Ω or greater than 100 kΩ. The terminal
should be connected to ground for USB host operation or open-circuit for USB peripheral operation, and should never be connected to
any external voltage source.
(10) Based on JEDEC JESD78D [IC Latch-Up Test].
(11) For tape and reel the storage temperature range is [–10°C; +50°C] with a maximum relative humidity of 70%. TI recommends returning
to ambient room temperature before usage.
(12) Latch-up pin group A: V7, R8, T8, U8, V8, R9, T9, U10, T10, T11, U12, T12, R12, V13, U13, R13, V14, U14, T14, R14, V15, U15, T15,
V16, U16, T16, V17, U17, U18, U9, V9, T13, V12, V4
(13) Latch-up pin group B: R1, R2, R3, R4, T1, T2, T3, V2, V3
(14) Latch-up pin group C: T4, U1, U2, U3, U4, V5, F17, F18, G15, G16, G17, G18, H16, H17, J15, J16, J17, J18, K15, K16, K17, K18,
L18, L17, L16, L15, M16, H18, M17, M18
Fail-safe I/O terminals are designed such they do not have dependencies on the respective I/O power supply voltage. This allows
external voltage sources to be connected to these I/O terminals when the respective I/O power supplies are turned off. The USB0_VBUS
and USB1_VBUS are the only fail-safe I/O terminals. All other I/O terminals are not fail-safe and the voltage applied to them should be
limited to the value defined by the steady state max. Voltage at all I/O pins parameter in Section 5.1.
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
5.2
ESD Ratings
VALUE
UNIT
VESD
Electrostatic discharge
(ESD) performance:
Human Body Model (HBM), per ANSI/ESDA/JEDEC JS001(1)
±2000
V
Charged Device Model (CDM), per JESD22-C101(2)
±500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com