Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x Sitara™ Processors
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 86 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 82Page - Texas Instruments AM3359 Datasheet HTML 83Page - Texas Instruments AM3359 Datasheet HTML 84Page - Texas Instruments AM3359 Datasheet HTML 85Page - Texas Instruments AM3359 Datasheet HTML 86Page - Texas Instruments AM3359 Datasheet HTML 87Page - Texas Instruments AM3359 Datasheet HTML 88Page - Texas Instruments AM3359 Datasheet HTML 89Page - Texas Instruments AM3359 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 256 page
background image
86
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717L – OCTOBER 2011 – REVISED MARCH 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Specifications
Copyright © 2011–2020, Texas Instruments Incorporated
5.6
Power Consumption Summary
Table 5-10 summarizes the power consumption at the AM335x power terminals.
Table 5-10. Maximum Current Ratings at AM335x Power Terminals(1)
SUPPLY NAME
DESCRIPTION
MAX
UNIT
VDD_CORE(2)
Maximum current rating for the core domain; OPP100
400
mA
Maximum current rating for the core domain; OPP50
250
VDD_MPU(2)
Maximum current rating for the MPU domain; Nitro
at 1 GHz
1000
mA
Maximum current rating for the MPU domain; Turbo
at 800 MHz
800
at 720 MHz
720
Maximum current rating for the MPU domain; OPP120
at 720 MHz
720
at 600 MHz
600
Maximum current rating for the MPU domain; OPP100
at 600 MHz
600
at 500 MHz
500
at 300 MHz
380
at 275 MHz
350
Maximum current rating for the MPU domain; OPP50
at 300 MHz
330
at 275 MHz
300
CAP_VDD_RTC(3)
Maximum current rating for RTC domain input and LDO output
2
mA
VDDS_RTC
Maximum current rating for the RTC domain
5
mA
VDDS_DDR
Maximum current rating for DDR I/O domain
250
mA
VDDS
Maximum current rating for all dual-voltage I/O domains
50
mA
VDDS_SRAM_CORE_BG
Maximum current rating for core SRAM LDOs
10
mA
VDDS_SRAM_MPU_BB
Maximum current rating for MPU SRAM LDOs
10
mA
VDDS_PLL_DDR
Maximum current rating for the DPLL DDR
10
mA
VDDS_PLL_CORE_LCD
Maximum current rating for the DPLL Core and LCD
20
mA
VDDS_PLL_MPU
Maximum current rating for the DPLL MPU
10
mA
VDDS_OSC
Maximum current rating for the system oscillator I/Os
5
mA
VDDA1P8V_USB0
Maximum current rating for USBPHY 1.8 V
25
mA
VDDA1P8V_USB1(4)
Maximum current rating for USBPHY 1.8 V
25
mA
VDDA3P3V_USB0
Maximum current rating for USBPHY 3.3 V
40
mA
VDDA3P3V_USB1(4)
Maximum current rating for USBPHY 3.3 V
40
mA
VDDA_ADC
Maximum current rating for ADC
10
mA
VDDSHV1(5)
Maximum current rating for dual-voltage I/O domain
50
mA
VDDSHV2(4)
Maximum current rating for dual-voltage I/O domain
50
mA
VDDSHV3(4)
Maximum current rating for dual-voltage I/O domain
50
mA
VDDSHV4
Maximum current rating for dual-voltage I/O domain
50
mA
VDDSHV5
Maximum current rating for dual-voltage I/O domain
50
mA
VDDSHV6
Maximum current rating for dual-voltage I/O domain
100
mA
(1) Current ratings specified in this table are worst-case estimates. Actual application power supply estimates could be lower. For more
information, see AM335x Power Consumption Summary.
(2) VDD_MPU is merged with VDD_CORE and is not available separately on the ZCE package. The maximum current rating for
VDD_CORE on the ZCE package is the sum of VDD_CORE and VDD_MPU shown in this table.
(3) This supply is sourced from an internal LDO when RTC_KALDO_ENn is low. If RTC_KALDO_ENn is high, this supply must be sourced
from an external power supply.
(4) Not available on the ZCE package.
(5) VDDSHV1 and VDDSHV2 are merged in the ZCE package. The maximum current rating for VDDSHV1 on the ZCE package is the sum
of VDDSHV1 and VDDSHV2 shown in this table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com