Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x Sitara™ Processors
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 68 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 64Page - Texas Instruments AM3359 Datasheet HTML 65Page - Texas Instruments AM3359 Datasheet HTML 66Page - Texas Instruments AM3359 Datasheet HTML 67Page - Texas Instruments AM3359 Datasheet HTML 68Page - Texas Instruments AM3359 Datasheet HTML 69Page - Texas Instruments AM3359 Datasheet HTML 70Page - Texas Instruments AM3359 Datasheet HTML 71Page - Texas Instruments AM3359 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 256 page
background image
68
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717L – OCTOBER 2011 – REVISED MARCH 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Terminal Configuration and Functions
Copyright © 2011–2020, Texas Instruments Incorporated
4.3.5
Removable Media Interfaces
Table 4-36. Removable Media Interfaces/MMC0 Signals Description
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE
[3]
ZCE BALL [4]
ZCZ BALL [4]
mmc0_clk
MMC/SD/SDIO Clock
I/O
G19
G17
mmc0_cmd
MMC/SD/SDIO Command
I/O
G17
G18
mmc0_dat0
MMC/SD/SDIO Data Bus
I/O
G18
G16
mmc0_dat1
MMC/SD/SDIO Data Bus
I/O
H17
G15
mmc0_dat2
MMC/SD/SDIO Data Bus
I/O
H18
F18
mmc0_dat3
MMC/SD/SDIO Data Bus
I/O
H19
F17
mmc0_dat4
MMC/SD/SDIO Data Bus
I/O
N16
L16
mmc0_dat5
MMC/SD/SDIO Data Bus
I/O
N17
L17
mmc0_dat6
MMC/SD/SDIO Data Bus
I/O
M19
L18
mmc0_dat7
MMC/SD/SDIO Data Bus
I/O
N19
K18
mmc0_pow
MMC/SD Power Switch Control
O
B16, K18
C15, H18
mmc0_sdcd
SD Card Detect
I
B16, P17
A13, C15, M17
mmc0_sdwp
SD Write Protect
I
E18, R19
B12, C18, M18
Table 4-37. Removable Media Interfaces/MMC1 Signals Description
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE
[3]
ZCE BALL [4]
ZCZ BALL [4]
mmc1_clk
MMC/SD/SDIO Clock
I/O
L18, R19, V14
K17, M18, U9
mmc1_cmd
MMC/SD/SDIO Command
I/O
M18, P17, U15
K16, M17, V9
mmc1_dat0
MMC/SD/SDIO Data Bus
I/O
N19, V15, W10
K18, U10, U7
mmc1_dat1
MMC/SD/SDIO Data Bus
I/O
M19, V9, W16
L18, T10, V7
mmc1_dat2
MMC/SD/SDIO Data Bus
I/O
N17, T12, V12
L17, R8, T11
mmc1_dat3
MMC/SD/SDIO Data Bus
I/O
N16, U12, W13
L16, T8, U12
mmc1_dat4
MMC/SD/SDIO Data Bus
I/O
U13, V13
T12, U8
mmc1_dat5
MMC/SD/SDIO Data Bus
I/O
T13, W14
R12, V8
mmc1_dat6
MMC/SD/SDIO Data Bus
I/O
U14, W17
R9, V13
mmc1_dat7
MMC/SD/SDIO Data Bus
I/O
V17, W15
T9, U13
mmc1_sdcd
SD Card Detect
I
R15
B13, T17
mmc1_sdwp
SD Write Protect
I
B17, D18
B16, D16
Table 4-38. Removable Media Interfaces/MMC2 Signals Description
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE
[3]
ZCE BALL [4]
ZCZ BALL [4]
mmc2_clk
MMC/SD/SDIO Clock
I/O
P19, R19, V16
L15, M18, V12
mmc2_cmd
MMC/SD/SDIO Command
I/O
K17, P17, U17
J16, M17, T13
mmc2_dat0
MMC/SD/SDIO Data Bus
I/O
L19, U13
J17, T12, V14
mmc2_dat1
MMC/SD/SDIO Data Bus
I/O
M17, T13
J18, R12, U14
mmc2_dat2
MMC/SD/SDIO Data Bus
I/O
N18, W17
K15, T14, V13
mmc2_dat3
MMC/SD/SDIO Data Bus
I/O
J19, V17, V18
H16, U13, U18
mmc2_dat4
MMC/SD/SDIO Data Bus
I/O
V15
U10, U15
mmc2_dat5
MMC/SD/SDIO Data Bus
I/O
W16
T10, T15
mmc2_dat6
MMC/SD/SDIO Data Bus
I/O
T12
T11, V16
mmc2_dat7
MMC/SD/SDIO Data Bus
I/O
U12
U12
mmc2_sdcd
SD Card Detect
I
W18
D12, U17
mmc2_sdwp
SD Write Protect
I
A17, C19
A16, D15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com