Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 101 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x Sitara™ Processors
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 101 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 97Page - Texas Instruments AM3359 Datasheet HTML 98Page - Texas Instruments AM3359 Datasheet HTML 99Page - Texas Instruments AM3359 Datasheet HTML 100Page - Texas Instruments AM3359 Datasheet HTML 101Page - Texas Instruments AM3359 Datasheet HTML 102Page - Texas Instruments AM3359 Datasheet HTML 103Page - Texas Instruments AM3359 Datasheet HTML 104Page - Texas Instruments AM3359 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 256 page
background image
VDDS_RTC
RTC_PWRONRSTn
PMIC_POWER_EN
VDDS_DDR
All 1.8-V Supplies
All 3.3-V Supplies
VDD_CORE, VDD_MPU
PWRONRSTn
CLK_M_OSC
1.8 V
1.8V
1.8 V
1.8 V
1.8 V/1.5 V/1.35 V
3.3 V
1.1 V
101
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717L – OCTOBER 2011 – REVISED MARCH 2020
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Power and Clocking
Copyright © 2011–2020, Texas Instruments Incorporated
A.
RTC_PWRONRSTn should be asserted for at least 1 ms to provide enough time for the internal RTC LDO output to
reach a valid level before RTC reset is released.
B.
When using the ZCZ package option, VDD_MPU and VDD_CORE power inputs may be powered from the same
source if the application only uses operating performance points (OPPs) that define a common power supply voltage
for VDD_MPU and VDD_CORE. The ZCE package option has the VDD_MPU domain merged with the VDD_CORE
domain.
C.
If a USB port is not used, the respective VDDA1P8V_USB terminal may be connected to any 1.8-V power supply and
the respective VDDA3P3V_USB terminal may be connected to any 3.3-V power supply. If the system does not have a
3.3-V power supply, the VDDA3P3V_USB terminal may be connected to ground.
D.
If the system uses mDDR or DDR2 memory devices, VDDS_DDR can be ramped simultaneously with the other 1.8-V
I/O power supplies.
E.
VDDS_RTC can be ramped independent of other power supplies if PMIC_POWER_EN functionality is not required. If
VDDS_RTC is ramped after VDD_CORE, there might be a small amount of additional leakage current on
VDD_CORE. The power sequence shown provides the lowest leakage option.
F.
To configure VDDSHVx [1-6] as 1.8 V, power up the respective VDDSHVx [1-6] to 1.8 V following the recommended
sequence. To configure VDDSHVx [1-6] as 3.3 V, power up the respective VDDSHVx [1-6] to 3.3 V following the
recommended sequence.
G.
If all the 1.8-V supplies are not sourced from the same power supply, it is required to power up VDDS before other
1.8-V supplies. Further, it is also recommended to source VDDS and VDDSHvx [x = 1-6] when configured as 1.8V
from the same power supply.
Figure 6-4. Power-Supply Sequencing With Dual-Voltage I/Os Configured as 1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com