Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 105 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x Sitara™ Processors
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 105 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 101Page - Texas Instruments AM3359 Datasheet HTML 102Page - Texas Instruments AM3359 Datasheet HTML 103Page - Texas Instruments AM3359 Datasheet HTML 104Page - Texas Instruments AM3359 Datasheet HTML 105Page - Texas Instruments AM3359 Datasheet HTML 106Page - Texas Instruments AM3359 Datasheet HTML 107Page - Texas Instruments AM3359 Datasheet HTML 108Page - Texas Instruments AM3359 Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 256 page
background image
MPU
PLL
PER
PLL
DDR
PLL
CORE
PLL
LCD
PLL
VDDS_PLL_MPU
VDDS_PLL_CORE_LCD
VDDA1P8V_USB0
VDDS_PLL_DDR
105
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717L – OCTOBER 2011 – REVISED MARCH 2020
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Power and Clocking
Copyright © 2011–2020, Texas Instruments Incorporated
6.1.4
Digital Phase-Locked Loop Power Supply Requirements
The digital phase-locked loop (DPLL) provides all interface clocks and functional clocks to the processor
of the AM335x device. The AM335x device integrates five different DPLLs—Core DPLL, Per DPLL, LCD
DPLL, DDR DPLL, MPU DPLL.
Figure 6-8 shows the power supply connectivity implemented in the AM335x device. Table 6-1 provides
the power supply requirements for the DPLL.
Figure 6-8. DPLL Power Supply Connectivity
Table 6-1. DPLL Power Supply Requirements
SUPPLY NAME
DESCRIPTION
MIN NOM
MAX
UNIT
VDDA1P8V_USB0
Supply voltage range for USBPHY and PER DPLL, Analog, 1.8 V
1.71
1.8
1.89
V
Max peak-to-peak supply noise
50
mV (p-p)
VDDS_PLL_MPU
Supply voltage range for DPLL MPU, analog
1.71
1.8
1.89
V
Max peak-to-peak supply noise
50
mV (p-p)
VDDS_PLL_CORE_LCD
Supply voltage range for DPLL CORE and LCD, analog
1.71
1.8
1.89
V
Max peak-to-peak supply noise
50
mV (p-p)
VDDS_PLL_DDR
Supply voltage range for DPLL DDR, analog
1.71
1.8
1.89
V
Max peak-to-peak supply noise
50
mV (p-p)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com