Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 107 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x Sitara™ Processors
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 107 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 103Page - Texas Instruments AM3359 Datasheet HTML 104Page - Texas Instruments AM3359 Datasheet HTML 105Page - Texas Instruments AM3359 Datasheet HTML 106Page - Texas Instruments AM3359 Datasheet HTML 107Page - Texas Instruments AM3359 Datasheet HTML 108Page - Texas Instruments AM3359 Datasheet HTML 109Page - Texas Instruments AM3359 Datasheet HTML 110Page - Texas Instruments AM3359 Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 256 page
background image
AM335x
XTALIN
VSS_OSC
XTALOUT
C
1
C
2
Optional R
d
Crystal
Optional R
bias
Copyright © 2016, Texas Instruments Incorporated
107
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717L – OCTOBER 2011 – REVISED MARCH 2020
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Power and Clocking
Copyright © 2011–2020, Texas Instruments Incorporated
A.
Oscillator components (Crystal, C1, C2, optional Rbias and Rd) must be located close to the AM335x package.
Parasitic capacitance to the VSS_OSC and respective crystal circuit component grounds should be connected directly
to the nearest PCB digital ground (VSS).
B.
C1 and C2 represent the total capacitance of the respective PCB trace, load capacitor, and other components
(excluding the crystal) connected to each crystal terminal. The value of capacitors C1 and C2 should be selected to
provide the total load capacitance, CL, specified by the crystal manufacturer. The total load capacitance is CL = [(C1 ×
C2) / (C1 + C2)] + Cshunt, where Cshunt is the crystal shunt capacitance (C0) specified by the crystal manufacturer plus
any mutual capacitance (Cpkg + CPCB) seen across the AM335x XTALIN and XTALOUT signals. For recommended
values of crystal circuit components, see Table 6-2.
Figure 6-9. OSC0 Crystal Circuit Schematic
(1)
Initial accuracy, temperature drift, and aging effects should be combined when evaluating a reference clock for this requirement.
Table 6-2. OSC0 Crystal Circuit Requirements
PARAMETER
MIN
TYP
MAX
UNIT
ƒxtal
Crystal parallel resonance
frequency
Fundamental mode oscillation only
19.2, 24,
25, or 26
MHz
Crystal frequency stability
and tolerance(1)
–50
50
ppm
CC1
C1 capacitance
Cshunt ≤ 5 pF
12
24
pF
Cshunt > 5 pF
18
24
CC2
C2 capacitance
Cshunt ≤ 5 pF
12
24
pF
Cshunt > 5 pF
18
24
Cshunt
Shunt capacitance
7
pF
ESR
Crystal effective series
resistance
ƒxtal = 19.2 MHz, oscillator has nominal
negative resistance of 272 Ω and worst-
case negative resistance of 163 Ω
54.4
Ω
ƒxtal = 24 MHz, oscillator has nominal
negative resistance of 240 Ω and worst-
case negative resistance of 144 Ω
48.0
ƒxtal = 25 MHz, oscillator has nominal
negative resistance of 233 Ω and worst-
case negative resistance of 140 Ω
46.6
ƒxtal = 26 MHz, oscillator has nominal
negative resistance of 227 Ω and worst-
case negative resistance of 137 Ω
45.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com