Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 103 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x Sitara™ Processors
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 103 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 99Page - Texas Instruments AM3359 Datasheet HTML 100Page - Texas Instruments AM3359 Datasheet HTML 101Page - Texas Instruments AM3359 Datasheet HTML 102Page - Texas Instruments AM3359 Datasheet HTML 103Page - Texas Instruments AM3359 Datasheet HTML 104Page - Texas Instruments AM3359 Datasheet HTML 105Page - Texas Instruments AM3359 Datasheet HTML 106Page - Texas Instruments AM3359 Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 256 page
background image
VDDS_RTC,
All other 1.8-V Supplies
VDDS_DDR
All 3.3-V Supplies
VDD_CORE, VDD_MPU
CAP_VDD_RTC
PWRONRSTn
CLK_M_OSC
1.8 V
1.8 V/1.5 V/1.35 V
3.3 V
1.1 V
103
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717L – OCTOBER 2011 – REVISED MARCH 2020
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Power and Clocking
Copyright © 2011–2020, Texas Instruments Incorporated
A.
CAP_VDD_RTC terminal operates as an input to the RTC core voltage domain when the internal RTC LDO is
disabled by connecting the RTC_KALDO_ENn terminal to VDDS_RTC. If the internal RTC LDO is disabled,
CAP_VDD_RTC should be sourced from an external 1.1-V power supply. The PMIC_POWER_EN output cannot be
used when the RTC is disabled.
B.
When using the ZCZ package option, VDD_MPU and VDD_CORE power inputs may be powered from the same
source if the application only uses operating performance points (OPPs) that define a common power supply voltage
for VDD_MPU and VDD_CORE. The ZCE package option has the VDD_MPU domain merged with the VDD_CORE
domain.
C.
If a USB port is not used, the respective VDDA1P8V_USB terminal may be connected to any 1.8-V power supply and
the respective VDDA3P3V_USB terminal may be connected to any 3.3-V power supply. If the system does not have a
3.3-V power supply, the VDDA3P3V_USB terminal may be connected to ground.
D.
If the system uses mDDR or DDR2 memory devices, VDDS_DDR can be ramped simultaneously with the other 1.8-V
I/O power supplies.
E.
VDDS_RTC should be ramped at the same time or before CAP_VDD_RTC, but these power inputs can be ramped
independent of other power supplies if PMIC_POWER_EN functionality is not required. If CAP_VDD_RTC is ramped
after VDD_CORE, there might be a small amount of additional leakage current on VDD_CORE. The power sequence
shown provides the lowest leakage option.
F.
To configure VDDSHVx [1-6] as 1.8 V, power up the respective VDDSHVx [1-6] to 1.8 V following the recommended
sequence. To configure VDDSHVx [1-6] as 3.3 V, power up the respective VDDSHVx [1-6] to 3.3 V following the
recommended sequence.
G.
If all the 1.8-V supplies are not sourced from the same power supply, it is required to power up VDDS before other
1.8-V supplies. Further, it is also recommended to source VDDS and VDDSHvx [x = 1-6] when configured as 1.8V
from the same power supply.
Figure 6-6. Power-Supply Sequencing With RTC Feature Disabled
6.1.2
Power-Down Sequencing
PWRONRSTn input terminal should be taken low, which stops all internal clocks before power supplies
are turned off. All other external clocks to the device should be shut off.
The preferred way to sequence power down is to have all the power supplies ramped down sequentially in
the exact reverse order of the power-up sequencing. In other words, the power supply that has been
ramped up first should be the last one that should be ramped down. This ensures there would be no
spurious current paths during the power-down sequence. The VDDS power supply must ramp down after
all 3.3-V VDDSHVx [1-6] power supplies.
If it is desired to ramp down VDDS and VDDSHVx [1-6] simultaneously, it should always be ensured that
the difference between VDDS and VDDSHVx [1-6] during the entire power-down sequence is <2 V. Any
violation of this could cause reliability risks for the device. TI recommends maintaining VDDS
≥1.5V as all
the other supplies fully ramp down to minimize in-rush currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com