Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 104 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x Sitara™ Processors
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 104 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 100Page - Texas Instruments AM3359 Datasheet HTML 101Page - Texas Instruments AM3359 Datasheet HTML 102Page - Texas Instruments AM3359 Datasheet HTML 103Page - Texas Instruments AM3359 Datasheet HTML 104Page - Texas Instruments AM3359 Datasheet HTML 105Page - Texas Instruments AM3359 Datasheet HTML 106Page - Texas Instruments AM3359 Datasheet HTML 107Page - Texas Instruments AM3359 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 256 page
background image
AM335x Device
VDD_MPU
VDD_MPU_MON
Vfeedback
Connection for VDD_MPU_MON if voltage monitoring is used
Preferred connection for VDD_MPU_MON if voltage monitoring is NOT used
Power
Management
IC
AM335x Device
VDD_MPU
VDD_MPU_MON
Power
Source
Optional connection for VDD_MPU_MON if voltage monitoring is NOT used
AM335x Device
VDD_MPU
N/C
Power
Source
VDD_MPU_MON
104
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717L – OCTOBER 2011 – REVISED MARCH 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Power and Clocking
Copyright © 2011–2020, Texas Instruments Incorporated
If none of the VDDSHVx [1-6] power supplies are configured as 3.3 V, the VDDS power supply may ramp
down along with the VDDSHVx [1-6] supplies or after all the VDDSHVx [1-6] supplies have ramped down.
TI recommends maintaining VDDS
≥1.5V as all the other supplies fully ramp down to minimize in-rush
currents.
6.1.3
VDD_MPU_MON Connections
Figure 6-7 shows the VDD_MPU_MON connectivity. VDD_MPU_MON connectivity is available only on the
ZCZ package.
Figure 6-7. VDD_MPU_MON Connectivity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com