Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 136 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x Sitara™ Processors
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 136 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 132Page - Texas Instruments AM3359 Datasheet HTML 133Page - Texas Instruments AM3359 Datasheet HTML 134Page - Texas Instruments AM3359 Datasheet HTML 135Page - Texas Instruments AM3359 Datasheet HTML 136Page - Texas Instruments AM3359 Datasheet HTML 137Page - Texas Instruments AM3359 Datasheet HTML 138Page - Texas Instruments AM3359 Datasheet HTML 139Page - Texas Instruments AM3359 Datasheet HTML 140Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 256 page
background image
136
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717L – OCTOBER 2011 – REVISED MARCH 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Peripheral Information and Timings
Copyright © 2011–2020, Texas Instruments Incorporated
Table 7-27. GPMC and NOR Flash Timing Requirements—Asynchronous Mode
NO.
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
FA5(1)
tacc(d)
Data access time
H(5)
H(5)
ns
FA20(2)
tacc1-pgmode(d)
Page mode successive data access time
P(4)
P(4)
ns
FA21(3)
tacc2-pgmode(d)
Page mode first data access time
H(5)
H(5)
ns
(1) The FA5 parameter shows the amount of time required to internally sample input data. It is expressed in number of GPMC functional
clock cycles. From start of read cycle and after FA5 functional clock cycles, input data is internally sampled by active functional clock
edge. FA5 value must be stored inside the AccessTime register bit field.
(2) The FA20 parameter shows amount of time required to internally sample successive input page data. It is expressed in number of
GPMC functional clock cycles. After each access to input page data, next input page data is internally sampled by active functional clock
edge after FA20 functional clock cycles. The FA20 value must be stored in the PageBurstAccessTime register bit field.
(3) The FA21 parameter shows amount of time required to internally sample first input page data. It is expressed in number of GPMC
functional clock cycles. From start of read cycle and after FA21 functional clock cycles, first input page data is internally sampled by
active functional clock edge. FA21 value must be stored inside the AccessTime register bit field.
(4) P = PageBurstAccessTime × (TimeParaGranularity + 1) × GPMC_FCLK(6)
(5) H = AccessTime × (TimeParaGranularity + 1) × GPMC_FCLK(6)
(6) GPMC_FCLK is general-purpose memory controller internal functional clock period in ns.
Table 7-28. GPMC and NOR Flash Switching Characteristics—Asynchronous Mode
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
FA0
tw(be[x]nV)
Pulse duration, output lower-byte
enable and command latch enable
gpmc_be0n_cle, output upper-byte
enable gpmc_be1n valid time
Read
N(12)
N(12)
ns
Write
N(12)
N(12)
FA1
tw(csnV)
Pulse duration, output chip select
gpmc_csn[x](13) low
Read
A(1)
A(1)
ns
Write
A(1)
A(1)
FA3
td(csnV-advnIV)
Delay time, output chip select
gpmc_csn[x](13) valid to output
address valid and address latch
enable gpmc_advn_ale invalid
Read
B(2) – 0.2
B(2) + 2.0
B(2) – 5
B(2) + 5
ns
Write
B(2) – 0.2
B(2) + 2.0
B(2) – 5
B(2) + 5
FA4
td(csnV-oenIV)
Delay time, output chip select gpmc_csn[x](13)
valid to output enable gpmc_oen invalid (Single
read)
C(3) – 0.2
C(3) + 2.0
C(3) – 5
C(3) + 5
ns
FA9
td(aV-csnV)
Delay time, output address gpmc_a[27:1] valid
to output chip select gpmc_csn[x](13) valid
J(9) – 0.2
J(9) + 2.0
J(9) – 5
J(9) + 5
ns
FA10
td(be[x]nV-csnV)
Delay time, output lower-byte enable and
command latch enable gpmc_be0n_cle, output
upper-byte enable gpmc_be1n valid to output
chip select gpmc_csn[x](13) valid
J(9) – 0.2
J(9) + 2.0
J(9) – 5
J(9) + 5
ns
FA12
td(csnV-advnV)
Delay time, output chip select gpmc_csn[x](13)
valid to output address valid and address latch
enable gpmc_advn_ale valid
K(10) – 0.2
K(10) + 2.0
K(10) – 5
K(10) + 5
ns
FA13
td(csnV-oenV)
Delay time, output chip select gpmc_csn[x](13)
valid to output enable gpmc_oen valid
L(11) – 0.2
L(11) + 2.0
L (11) – 5
L(11) + 5
ns
FA16
tw(aIV)
Pulse durationm output address gpmc_a[26:1]
invalid between 2 successive read and write
accesses
G(7)
G(7)
ns
FA18
td(csnV-oenIV)
Delay time, output chip select gpmc_csn[x](13)
valid to output enable gpmc_oen invalid (Burst
read)
I(8) – 0.2
I(8) + 2.0
I(8) – 5
I(8) + 5
ns
FA20
tw(aV)
Pulse duration, output address gpmc_a[27:1]
valid - 2nd, 3rd, and 4th accesses
D(4)
D(4)
ns
FA25
td(csnV-wenV)
Delay time, output chip select gpmc_csn[x](13)
valid to output write enable gpmc_wen valid
E(5) – 0.2
E(5) + 2.0
E(5) – 5
E(5) + 5
ns
FA27
td(csnV-wenIV)
Delay time, output chip select gpmc_csn[x](13)
valid to output write enable gpmc_wen invalid
F(6) – 0.2
F(6) + 2.0
F(6) – 5
F(6) + 5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com