Electronic Components Datasheet Search
  English  ▼

X  

LMK6C Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LMK6C
Description  LMK6x Low Jitter, High-Performance BAW Oscillator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK6C Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMK6C Datasheet HTML 12Page - Texas Instruments LMK6C Datasheet HTML 13Page - Texas Instruments LMK6C Datasheet HTML 14Page - Texas Instruments LMK6C Datasheet HTML 15Page - Texas Instruments LMK6C Datasheet HTML 16Page - Texas Instruments LMK6C Datasheet HTML 17Page - Texas Instruments LMK6C Datasheet HTML 18Page - Texas Instruments LMK6C Datasheet HTML 19Page - Texas Instruments LMK6C Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
6.9 Typical Characteristics (continued)
Frequency (MHz)
100 125 150 175 200 225 250 275 300 325 350 375 400
50
60
70
80
90
100
VDD = 3.3 V
OUTPUT FORMAT = LVPECL
-40 oC
25 oC
85 oC
Figure 6-11. Current Consumption vs Frequency
(LVPECL, 3.3V)
Frequency (MHz)
100 125 150 175 200 225 250 275 300 325 350 375 400
50
60
70
80
90
100
VDD = 1.8 V
OUTPUT FORMAT = LVDS
-40 oC
25 oC
85 oC
Figure 6-12. Current Consumption vs Frequency
(LVDS, 1.8V)
Frequency (MHz)
100 125 150 175 200 225 250 275 300 325 350 375 400
50
60
70
80
90
100
VDD = 2.5 V
OUTPUT FORMAT = LVDS
-40 oC
25 oC
85 oC
Figure 6-13. Current Consumption vs Frequency
(LVDS, 2.5V)
Frequency (MHz)
100 125 150 175 200 225 250 275 300 325 350 375 400
50
60
70
80
90
100
VDD = 3.3 V
OUTPUT FORMAT = LVDS
-40 oC
25 oC
85 oC
Figure 6-14. Current Consumption vs Frequency
(LVDS, 3.3V)
Frequency (MHz)
100
105
110
115
120
125
130
135
140
145
150
155
160
165
170
175
180
185
190
195
200
90
95
100
105
110
115
120
125
130
135
140
145
150
155
160
Figure 6-15. RMS Jitter vs Frequency (100MHz to 200MHz) for
LVPECL, HCSL; TYPICAL 3.3V, 25°C
Frequency (MHz)
100
105
110
115
120
125
130
135
140
145
150
155
160
165
170
175
180
185
190
195
200
90
95
100
105
110
115
120
125
130
135
140
145
150
155
160
Figure 6-16. RMS Jitter vs Frequency (100MHz to 200MHz) for
LVDS; TYPICAL 3.3V, 25°C
LMK6C, LMK6D, LMK6H, LMK6P
SNAS826E – APRIL 2022 – REVISED APRIL 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMK6C LMK6D LMK6H LMK6P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com