Electronic Components Datasheet Search
  English  ▼

X  

LMK6C Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # LMK6C
Description  LMK6x Low Jitter, High-Performance BAW Oscillator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK6C Datasheet(HTML) 26 Page - Texas Instruments

Back Button LMK6C Datasheet HTML 22Page - Texas Instruments LMK6C Datasheet HTML 23Page - Texas Instruments LMK6C Datasheet HTML 24Page - Texas Instruments LMK6C Datasheet HTML 25Page - Texas Instruments LMK6C Datasheet HTML 26Page - Texas Instruments LMK6C Datasheet HTML 27Page - Texas Instruments LMK6C Datasheet HTML 28Page - Texas Instruments LMK6C Datasheet HTML 29Page - Texas Instruments LMK6C Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
board as per the standard soldering profile and frequency variation measurements are carried out. The output
frequency is 156.25MHz for these tests.
Temperature (oC)
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
-25
-20
-15
-10
-5
0
5
10
15
20
25
Figure 8-10. Frequency Change Over Temperature (LMK6x Differential Output Device)
Temperature (OC)
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
110
-25
-20
-15
-10
-5
0
5
10
15
20
25
Figure 8-11. Frequency Change Over Temperature (LMK6C Single-Ended Output Device)
8.3.6 Mechanical Robustness
For reference oscillators, vibration and shock are common causes for increased phase noise and jitter,
frequency shift and spikes, or even physical damages to the resonator and the package. Compared to quartz
crystals, the BAW resonator is more immune to vibration and shock due to the orders of magnitude, smaller
mass, and higher frequency, which means force applied to the device from acceleration is much smaller due to
smaller mass.
Figure 8-12 shows the LMK6x BAW oscillator vibration performance. In this test, the LMK6x oscillator mounted
on an EVM is subject to 10g acceleration force, ranging from 50Hz to 2kHz in x, y, and z-axis. Phase noise trace
with spur due to vibration is captured using Keysight® E5052B and frequency deviation is calculated from the
spur power. Then the frequency deviation is converted to ppb by noting the carrier frequency and normalized
to ppb/g. Finally, the RMS sum of ppb/g along all three axes is reported as the Vibration sensitivity in ppb/g.
LMK6x performance under vibration is approximately 2ppb/g while most quartz oscillators best case is 3ppb/g
and worse can be above 10ppb/g.
LMK6C, LMK6D, LMK6H, LMK6P
SNAS826E – APRIL 2022 – REVISED APRIL 2024
www.ti.com
26
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMK6C LMK6D LMK6H LMK6P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com