Electronic Components Datasheet Search
  English  ▼

X  

LMK6C Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LMK6C
Description  LMK6x Low Jitter, High-Performance BAW Oscillator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK6C Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMK6C Datasheet HTML 13Page - Texas Instruments LMK6C Datasheet HTML 14Page - Texas Instruments LMK6C Datasheet HTML 15Page - Texas Instruments LMK6C Datasheet HTML 16Page - Texas Instruments LMK6C Datasheet HTML 17Page - Texas Instruments LMK6C Datasheet HTML 18Page - Texas Instruments LMK6C Datasheet HTML 19Page - Texas Instruments LMK6C Datasheet HTML 20Page - Texas Instruments LMK6C Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
6.9 Typical Characteristics (continued)
Figure 6-17. RMS Jitter vs Frequency (200MHz to 300MHz) for
LVPECL, HCSL; TYPICAL 3.3V, 25°C
Frequency (MHz)
200
205
210
215
220
225
230
235
240
245
250
255
260
265
270
275
280
285
290
295
300
80
85
90
95
100
105
110
115
120
125
130
135
140
145
150
155
160
165
170
Figure 6-18. RMS Jitter vs Frequency (200MHz to 300MHz) for
LVDS; TYPICAL 3.3V, 25°C
Frequency (MHz)
300
305
310
315
320
325
330
335
340
345
350
355
360
365
370
375
380
385
390
395
400
80
85
90
95
100
105
110
115
120
125
130
135
140
145
150
155
160
Figure 6-19. RMS Jitter vs Frequency (300MHz to 400MHz) for
LVPECL, HCSL; TYPICAL 3.3V, 25°C
Frequency (MHz)
300
305
310
315
320
325
330
335
340
345
350
355
360
365
370
375
380
385
390
395
400
80
85
90
95
100
105
110
115
120
125
130
135
140
145
150
155
160
Figure 6-20. RMS Jitter vs Frequency (300MHz to 400MHz) for
LVDS; TYPICAL 3.3V, 25°C
Frequency (MHz)
40
45
50
55
60
65
70
75
80
85
90
95
100
100
120
140
160
180
200
220
240
260
280
300
320
340
360
380
400
Figure 6-21. RMS Jitter vs Frequency (Below 100MHz) for
LVPECL, HCSL; TYPICAL 3.3V, 25°C
Frequency (MHz)
40
45
50
55
60
65
70
75
80
85
90
95
100
100
120
140
160
180
200
220
240
260
280
300
320
340
360
380
400
Figure 6-22. RMS Jitter vs Frequency (Below 100MHz) for LVDS;
TYPICAL 3.3V, 25°C
Frequency (MHz)
100
105
110
115
120
125
130
135
140
145
150
155
160
165
170
175
180
185
190
195
200
200
220
240
260
280
300
320
340
360
380
400
Figure 6-23. RMS Jitter vs Frequency ( 100MHz - 200MHz) for
LVCMOS; TYPICAL 3.3V, 25°C
Frequency (MHz)
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
100
150
200
250
300
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
Figure 6-24. RMS Jitter vs Frequency ( 10MHz - 100MHz) for
LVCMOS; TYPICAL 3.3V, 25°C
www.ti.com
LMK6C, LMK6D, LMK6H, LMK6P
SNAS826E – APRIL 2022 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LMK6C LMK6D LMK6H LMK6P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com