Electronic Components Datasheet Search
  English  ▼

X  

LMK6C Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # LMK6C
Description  LMK6x Low Jitter, High-Performance BAW Oscillator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK6C Datasheet(HTML) 59 Page - Texas Instruments

Back Button LMK6C Datasheet HTML 52Page - Texas Instruments LMK6C Datasheet HTML 53Page - Texas Instruments LMK6C Datasheet HTML 54Page - Texas Instruments LMK6C Datasheet HTML 55Page - Texas Instruments LMK6C Datasheet HTML 56Page - Texas Instruments LMK6C Datasheet HTML 57Page - Texas Instruments LMK6C Datasheet HTML 58Page - Texas Instruments LMK6C Datasheet HTML 59Page - Texas Instruments LMK6C Datasheet HTML 60Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 59 / 60 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
6X (0.9)
6X (0.4)
4X (0.95)
(1.5)
(R0.05)
TYP
4X (0.95)
2X (1.9)
(R0.05) TYP
(1.405)
6X (0.4)
6X (0.805)
VSON - 1 mm max height
DLF0006B
PLASTIC SMALL OUTLINE - NO LEAD
4229693/B 12/2023
NOTES: (continued)
4. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SOLDER PASTE EXAMPLE
BASED ON 0.125 MM THICK STENCIL
SCALE: 20X
SYMM
SYMM
1
3
4
6
UNIVERSAL SOLDER PASTE EXAMPLE
BASED ON 0.125 MM THICK
STENCILSCALE 20.000
SYMM
1
3
4
6
SYMM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com