Electronic Components Datasheet Search
  English  ▼

X  

LMK6C Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LMK6C
Description  LMK6x Low Jitter, High-Performance BAW Oscillator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK6C Datasheet(HTML) 27 Page - Texas Instruments

Back Button LMK6C Datasheet HTML 23Page - Texas Instruments LMK6C Datasheet HTML 24Page - Texas Instruments LMK6C Datasheet HTML 25Page - Texas Instruments LMK6C Datasheet HTML 26Page - Texas Instruments LMK6C Datasheet HTML 27Page - Texas Instruments LMK6C Datasheet HTML 28Page - Texas Instruments LMK6C Datasheet HTML 29Page - Texas Instruments LMK6C Datasheet HTML 30Page - Texas Instruments LMK6C Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
Vibration Frequency (Hz)
50
60
70 80 90 100
200
300
400
500
600 700 800
1000
2000
0
1
2
3
4
5
6
7
8
9
10
Figure 8-12. LMK6X BAW Oscillator Vibration Performance
8.4 Device Functional Modes
The LMK6x BAW Oscillator is a fixed output frequency device and does not require any programming. The
device pin 1 (and pin 2 for a 6-pin device) has different functions. See the Function Pins section for more
information on the function pins.
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The LMK6x is high-performance, fixed-frequency oscillator that can be used as a reference clock. The product
family supports any output frequency between 1MHz to 400MHz for differential LMK6D, LMK6H, LMK6P or
1MHz to 200MHz for singled-ended LVCMOS clock output types, and 1.8V or 2.5V through 3.3V supply rails.
9.2 Typical Application
For reference schematic implementation for LMK6x family of oscillators, refer to the LMK6EVM User's Guide for
bypass capacitor and AC-coupling capacitor value recommendations. Refer to the Clock Output Interfacing and
Termination section for output clock required termination and biasing.
Figure 9-1 shows a typical application example. The LMK6D differential oscillator is used as an input to the
LVDS buffer input in this example.
LMK6D Differential Oscillator - 156.25 MHz
100
ASIC / FPGA / PHY
VDD
Power
Conditioning
Output/Chip
Control Logic
1 μF
OE
Output
driver
GND
CLK_ P
CLK_ N
Figure 9-1. Application Example
www.ti.com
LMK6C, LMK6D, LMK6H, LMK6P
SNAS826E – APRIL 2022 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: LMK6C LMK6D LMK6H LMK6P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com