Electronic Components Datasheet Search
  English  ▼

X  

LMK6C Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LMK6C
Description  LMK6x Low Jitter, High-Performance BAW Oscillator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK6C Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMK6C Datasheet HTML 10Page - Texas Instruments LMK6C Datasheet HTML 11Page - Texas Instruments LMK6C Datasheet HTML 12Page - Texas Instruments LMK6C Datasheet HTML 13Page - Texas Instruments LMK6C Datasheet HTML 14Page - Texas Instruments LMK6C Datasheet HTML 15Page - Texas Instruments LMK6C Datasheet HTML 16Page - Texas Instruments LMK6C Datasheet HTML 17Page - Texas Instruments LMK6C Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
(4)
The Jitter specifications are based on design and characterization
6.8 Timing Diagrams
VOD = VOH - VOL
OUTx_N
OUTx_P
VOUT-DIFF = 2 × VOD
0 V
20%
80%
tR
tF
VOH
VOL
Figure 6-1. Differential Output Voltage and Rise/Fall Time
VOUT,SE
tR
tF
OUT_REFx/2
20%
80%
Figure 6-2. Single-Ended Output Voltage and Rise/Fall Time
6.9 Typical Characteristics
Frequency (MHz)
20
40
60
80
100
120
140
160
30
32.5
35
37.5
40
42.5
45
47.5
50
VDD = 1.8V
Output Format = LVCMOS
-40 oC
25 oC
105 oC
Figure 6-3. Current Consumption vs Frequency
(LVCMOS, 1.8V)
Frequency (MHz)
20
40
60
80
100
120
140
160
30
33
36
39
42
45
48
51
54
VDD = 2.5 V
OUTPUT FORMAT = LVCMOS
-40 oC
25 oC
105 oC
Figure 6-4. Current Consumption vs Frequency
(LVCMOS, 2.5V)
LMK6C, LMK6D, LMK6H, LMK6P
SNAS826E – APRIL 2022 – REVISED APRIL 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMK6C LMK6D LMK6H LMK6P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com