Electronic Components Datasheet Search
  English  ▼

X  

LMK6C Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LMK6C
Description  LMK6x Low Jitter, High-Performance BAW Oscillator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK6C Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMK6C Datasheet HTML 8Page - Texas Instruments LMK6C Datasheet HTML 9Page - Texas Instruments LMK6C Datasheet HTML 10Page - Texas Instruments LMK6C Datasheet HTML 11Page - Texas Instruments LMK6C Datasheet HTML 12Page - Texas Instruments LMK6C Datasheet HTML 13Page - Texas Instruments LMK6C Datasheet HTML 14Page - Texas Instruments LMK6C Datasheet HTML 15Page - Texas Instruments LMK6C Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
over Recommended Operating Conditions, Typical Temp = 25°C, Frequency output = 156.25 MHz, VDD = 3.3 V, LVCMOS
Output Capacitor load = 2.2 pF (unless otherwise specified)(7)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PN1k
Phase Noise at 1 kHz Offset
Fout = 156.25 MHz
–95
dBc/Hz
PN10k
Phase Noise at 10 kHz Offset
–128
dBc/Hz
PN100k
Phase Noise at 100 kHz Offset
–146
dBc/Hz
PN1M
Phase Noise at 1 MHz Offset
–156
dBc/Hz
PN10M
Phase Noise at 10 MHz Offset
–156.5
dBc/Hz
RJ
RMS Jitter (Integration BW: 12 kHz to 20
MHz)
Fout = 312.5 MHz
100
125
fs
PN1k
Phase Noise at 1 kHz Offset
Fout = 312.5 MHz.
–89
dBc/Hz
PN10k
Phase Noise at 10 kHz Offset
–122
dBc/Hz
PN100k
Phase Noise at 100 kHz Offset
–139
dBc/Hz
PN1M
Phase Noise at 1 MHz Offset
–150
dBc/Hz
PN10M
Phase Noise at 10 MHz Offset
–153.5
dBc/Hz
RJ
RMS Jitter (Integration BW: 12 kHz to 20
MHz)
Fout = 100 MHz
140
170
fs
Fout = 125 MHz
110
125
fs
Fout = 155.52 MHz
105
140
fs
Fout = 161.1328125 MHz
125
160
fs
Fout = 200 MHz
125
150
fs
Fout = 400 MHz
100
135
fs
RPeriodJITT
,RMS
RMS Period Jitter
Fout ≥ 25 MHz
1.6
ps
RJITT,PK-
PK
Peak-peak Period Jitter
Fout ≥ 25 MHz
13
ps
HCSL - Clock output jitter
JPCIe1-cc
PCIe Gen 1 Common Clock jitter (jitter
limit = 86 ps)
Fout = 100 MHz
0.146
6.4
ps
JPCIe1-
SRNS
PCIe Gen 1 SRNS jitter
0.447
6.99
ps
JPCIe2-cc
PCIe Gen 2 Common Clock jitter (jitter
limit = 3 ps)
0.103
0.554
ps
JPCIe2-
SRNS
PCIe Gen 2 SRNS jitter
0.135
0.56
ps
JPCIe3-cc
PCIe Gen 3 Common Clock jitter (jitter
limit = 1 ps)
0.029
0.164
ps
JPCIe3-
SRNS
PCIe Gen 3 SRNS jitter
0.033
0.180
ps
JPCIe4-cc
PCIe Gen 4 Common Clock jitter (jitter
limit = 500 fs)
0.029
0.164
ps
JPCIe4-
SRNS
PCIe Gen 4 SRNS jitter
0.033
0.180
ps
JPCIe5-cc
PCIe Gen 5 Common Clock jitter (jitter
limit = 150 fs)
0.007
0.070
ps
JPCIe5-
SRNS
PCIe Gen 5 SRNS jitter
0.007
0.074
ps
JPCIe6-cc
PCIe Gen 6 Common Clock jitter (jitter
limit = 100 fs)
0.007
0.042
ps
JPCIe6-
SRNS
PCIe Gen 6 SRNS jitter
0.009
0.052
ps
RJ
RMS Jitter (Integration BW: 12 kHz to 20
MHz)
Fout = 156.25 MHz
100
125
fs
LMK6C, LMK6D, LMK6H, LMK6P
SNAS826E – APRIL 2022 – REVISED APRIL 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMK6C LMK6D LMK6H LMK6P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com