Electronic Components Datasheet Search
  English  ▼

X  

LMK6C Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMK6C
Description  LMK6x Low Jitter, High-Performance BAW Oscillator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK6C Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMK6C Datasheet HTML 5Page - Texas Instruments LMK6C Datasheet HTML 6Page - Texas Instruments LMK6C Datasheet HTML 7Page - Texas Instruments LMK6C Datasheet HTML 8Page - Texas Instruments LMK6C Datasheet HTML 9Page - Texas Instruments LMK6C Datasheet HTML 10Page - Texas Instruments LMK6C Datasheet HTML 11Page - Texas Instruments LMK6C Datasheet HTML 12Page - Texas Instruments LMK6C Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
over Recommended Operating Conditions, Typical Temp = 25°C, Frequency output = 156.25 MHz, VDD = 3.3 V, LVCMOS
Output Capacitor load = 2.2 pF (unless otherwise specified)(7)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Fout
Output Frequency
1
400
MHz
VOD
Output Voltage Swing (VOH - VOL)
AC coupled, VDD = 3.3V
525
645
765
mV
AC coupled, VDD = 2.5V
450
555
660
mV
AC coupled, VDD = 1.8 V
280
375
470
mV
DC coupled, VDD = 2.5 V/ 3.3 V(1)
650
800
950
mV
DC coupled, VDD = 1.8 V(1)
450
600
750
mV
VOD,DIFF Differential Output peak-peak swing
2×|VOD|
Vpp
VOS
Output Common-Mode Voltage
VDD = 3.3 V(1)
1.5
1.6
1.7
V
VDD = 2.5 V(1)
0.825
0.9
0.975
V
VDD = 1.8 V(1)
0.45
0.5
0.55
V
tR/tF
Output Rise/Fall Time
20% to 80% of VOD,DIFF, VDD = 2.5 V/ 3.3
V
120
200
ps
20% to 80% of VOD,DIFF, VDD = 1.8 V
120
200
ps
ODC
Output Duty Cycle
VDD = 2.5 V/ 3.3V, measured between
50% points on the waveform
45
50
55
%
VDD = 1.8 V, measured between 50%
points on the waveform
45
50
55
%
LVDS Output Characteristics
Fout
Output Frequency
1
400
MHz
VOD
Output Voltage Swing (VOH - VOL)
Under LVDS Load condition
250
350
450
mV
VOD,DIFF Differential Output peak-peak swing
2×|VOD|
Vpp
VOS
Output Common Mode Voltage
VDD = 2.5V/3.3 V
1.025
1.2
1.375
V
VDD = 1.8 V
0.80
0.9
1.0
V
tR/tF
Output Rise/Fall Time
20% to 80% of VOD,DIFF, VDD = 2.5V/3.3
V
150
250
ps
20% to 80% of VOD,DIFF, VDD = 1.8V
150
250
ps
ODC
Output Duty Cycle
VDD = 2.5 V/3.3 V, measured between
50% points on the waveform
45
50
55
%
VDD = 1.8V, measured between 50%
points on the waveform
45
50
55
%
HCSL Output characteristics
Fout
Output Frequency
1
400
MHz
VOH
Output High Voltage
DC coupled, 50 ohms to ground, VDD =
2.5 V/ 3.3 V
650
750
850
mV
DC coupled, 50 ohms to ground, VDD =
1.8 V
460
560
660
mV
VOL
Output Low Voltage
DC coupled, 50 ohms to ground, VDD =
2.5 V/ 3.3 V
–150
0
150
mV
DC coupled, 50 ohms to ground, VDD =
1.8 V
–150
0
150
mV
VOD,DIFF Differential Output peak-peak swing
2×|VO H -
VOL|
V
Vcross
Absolute Crossing Point Voltage
VDD = 3.3 V / 2.5 V, fout = 100 MHz
0.2
0.35
0.50
Vpp
VDD = 1.8 V, fout = 100 MHz
0.15
0.275
0.40
Vpp
Vcross-
delta
Absolute Crossing Point Voltage variation
VDD = 3.3 V / 2.5 V / 1.8 V, fout = 100
MHz
0.14
V
dV/dt
Output Slew Rate
50 ohms to ground; DC coupled load;
measured slew rate in +/-150mV from
Center.
2
12
V/ns
www.ti.com
LMK6C, LMK6D, LMK6H, LMK6P
SNAS826E – APRIL 2022 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: LMK6C LMK6D LMK6H LMK6P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com