Electronic Components Datasheet Search
  English  ▼

X  

VD66GY Datasheet(PDF) 5 Page - STMicroelectronics

Part # VD66GY
Description  Compact, high-sensitive 1.5 megapixel color Bayer global shutter image sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD66GY Datasheet(HTML) 5 Page - STMicroelectronics

  VD66GY Datasheet HTML 1Page - STMicroelectronics VD66GY Datasheet HTML 2Page - STMicroelectronics VD66GY Datasheet HTML 3Page - STMicroelectronics VD66GY Datasheet HTML 4Page - STMicroelectronics VD66GY Datasheet HTML 5Page - STMicroelectronics VD66GY Datasheet HTML 6Page - STMicroelectronics VD66GY Datasheet HTML 7Page - STMicroelectronics VD66GY Datasheet HTML 8Page - STMicroelectronics VD66GY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
3
Functional description
3.1
Interfaces
3.1.1
Inter-integrated circuit (I²C)
The VD66GY is configured and controlled via an I²C interface operating in either fast mode (up to 400 kHz) or fast
mode plus (up to 1 MHz) at 1.8 V. After the MCU boot sequence, the default I²C configuration is fast mode plus
with a sink capability set to 20 mA. Drive capability can be decreased to 4 mA (fast mode) by writing a dedicated
register once the system has booted. Device addressing uses a CCI protocol with 2 byte subaddresses. The
default sensor address is 0x20 (including R/W bit), and can be overridden:
•
Permanently by storing a non-null value in a dedicated OTP register.
•
Dynamically with a firmware command when the MCU state is SW_STANDBY.
3.1.2
Camera serial interface (CSI)
The sensor is ready to connect via a dual lane mobile industry processor interface (MIPI) CSI-2 serial interface.
The dual lane MIPI CSI-2 serial interface supports up to 1.5 Gbps per lane. It is the industry standard for low
electromagnetic interference (EMI) and excellent electromagnetic compatibility (EMC) high-speed interfacing. The
CSI lane number can be lowered to a single lane. Resolution is scalable between RAW8 and RAW10.
3.2
Power supplies
The power supplies required by the sensor are:
•
2.8 V for the analog blocks
•
1.8 V for the digital I/Os
•
1.15 V for the core digital logic and MIPI CSI-2 output drivers
The pixel array requires different positive and negative voltages, all internally generated by charge pumps and
regulators. Four voltage references, internally generated, need external decoupling capacitors. The internal MCU
handles the entire power management of the sensor to guarantee the lowest power consumption at any given
time.
3.3
Clock and PLL
An input clock is required from an external digital clock source in the range of 6 to 27 MHz. Firmware is
preconfigured for a 12 MHz external source clock. Two built-in PLL (phase-locked loop) blocks generate all
necessary internal clocks for the pixel array, processing pipe, and output interface.
VD66GY
Functional description
DS13838 - Rev 7
page 5/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com