Electronic Components Datasheet Search
  English  ▼

X  

VD66GY Datasheet(PDF) 1 Page - STMicroelectronics

Part # VD66GY
Description  Compact, high-sensitive 1.5 megapixel color Bayer global shutter image sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD66GY Datasheet(HTML) 1 Page - STMicroelectronics

  VD66GY Datasheet HTML 1Page - STMicroelectronics VD66GY Datasheet HTML 2Page - STMicroelectronics VD66GY Datasheet HTML 3Page - STMicroelectronics VD66GY Datasheet HTML 4Page - STMicroelectronics VD66GY Datasheet HTML 5Page - STMicroelectronics VD66GY Datasheet HTML 6Page - STMicroelectronics VD66GY Datasheet HTML 7Page - STMicroelectronics VD66GY Datasheet HTML 8Page - STMicroelectronics VD66GY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Features
Cutting-edge performance of ST proprietary pixel:
BSI structure provides superior QE, MTF, and angular response.
Full DTI technology further increases sensitivity and sharpness.
Excellent response across the whole color spectrum.
Proprietary technology from ST foundry in France, ensuring safe supply.
Easy integration into your system:
Ultracompact die with centered design to minimize your system size.
Small optical format: 4.6 mm (1/4'') at full resolution and 3.7 mm (1/5'')
with 1 MP crop.
Low power, ideal for battery-powered devices.
Robust design and image quality in temperature.
A complete toolbox of in-sensor features:
Stunning images with in-sensor autoexposure and various corrections.
Multiple features to optimize data size and frame rates such as crop,
binning, and programmable sequences.
8 GPIOs enabling extra controls such as trigger or LED synchronization.
Seamless connection to embedded processing platforms:
1 or 2 lanes MIPI CSI-2 interface enabling straight connection to entry-
level cost-effective processing platforms.
Start immediately your development with our turnkey sensor boards,
modules, and drivers for the VD66GY image sensor.
The VD66GY color image sensor is also available in monochrome (VD56G3)
and RGB-NIR versions (VD16GZ).
Description
The VD66GY is part of a brand-new complete series of image sensors developed by
STMicroelectronics for professional and consumer vision applications. Leveraging
state-of-the-art technologies developed by STMicroelectronics own foundry, the
sensor provides outstanding performance enabling to capture bright and sharp color
images. With its clever design and complete toolbox of on-chip functions, it is the
ideal solution for the design of tomorrow’s smart and optimized systems.
Application
Home and service robots
Smart appliances
AR/VR and gaming
Drones and UAVs
Industrial robots and AGVs
Quality inspection
3D stereo imaging
Barcode reading, logistics and retail
Security and biometrics
Order code
Description
VD66GYCCA/RW
Color Bayer,
bare die as
reconstructed wafer
Compact, high-sensitive 1.5 megapixel color Bayer
global shutter image sensor
VD66GY
Datasheet
DS13838 - Rev 7 - April 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - VD66GY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VD6640 STMICROELECTRONICS-VD6640 Datasheet
1Mb / 126P
Automotive 1.3 megapixel high-dynamic range image sensor
22-Jun-2018
More results

Similar Description - VD66GY

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIV1SE5000A ONSEMI-NOIV1SE5000A Datasheet
754Kb / 70P
VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
NOIV1SE2000A-QDC ONSEMI-NOIV1SE2000A-QDC Datasheet
808Kb / 77P
VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 5
NOIV1SN5000A ONSEMI-NOIV1SN5000A Datasheet
772Kb / 71P
VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
NOIV1SN2000A ONSEMI-NOIV1SN2000A Datasheet
814Kb / 77P
VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 6
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
20 Megapixel global shutter CMOS image sensor
logo
STMicroelectronics
VB56G4A STMICROELECTRONICS-VB56G4A Datasheet
1,021Kb / 4P
Automotive grade 1.5 megapixel backside illuminated global shutter image sensor
15-Apr-2022
VG5761 STMICROELECTRONICS-VG5761 Datasheet
2Mb / 5P
Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor
27-Nov-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com