Electronic Components Datasheet Search
  English  ▼

X  

VD66GY Datasheet(PDF) 3 Page - STMicroelectronics

Part # VD66GY
Description  Compact, high-sensitive 1.5 megapixel color Bayer global shutter image sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD66GY Datasheet(HTML) 3 Page - STMicroelectronics

  VD66GY Datasheet HTML 1Page - STMicroelectronics VD66GY Datasheet HTML 2Page - STMicroelectronics VD66GY Datasheet HTML 3Page - STMicroelectronics VD66GY Datasheet HTML 4Page - STMicroelectronics VD66GY Datasheet HTML 5Page - STMicroelectronics VD66GY Datasheet HTML 6Page - STMicroelectronics VD66GY Datasheet HTML 7Page - STMicroelectronics VD66GY Datasheet HTML 8Page - STMicroelectronics VD66GY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
2
Product overview
2.1
Functional description summary
The VD66GY is a 1.5-megapixel global shutter image sensor featuring a matrix of 1124 x 1364 pixels. With its
global shutter operation, all pixels are synchronized to capture light at the same time. This removes the motion
blur that can affect rolling shutter image sensors, when capturing changing or moving scenes.
Once the exposure is finished, each pixel information is transferred in a storage node, before being read and
digitized one pixel row after the other. The image data are digitized using internal 10-bit ADCs. Additional gains
can be applied before ADC stage (for example, analog gain) or after ADC stage (for example, digital gain).
Following the digital conversion, various image preprocessing and correction algorithms can be applied into the
sensor before data output, such as autoexposure or binning.
The image data are output as frames of RAW8 or RAW10 data through a MIPI CSI-2 interface. The sensor can be
configured to operate with either 1 or 2 MIPI CSI-2 lanes to best fit with host processing requirements.
The VD66GY is synchronized to the rest of the system by means of an external clock, triggers, and general-
purpose input/output (GPIO) signals that can be used to enable synchronization of several sensor readouts or to
control strobe light sources during exposure time.
The device is fully configurable through the I²C serial interface and provides flexible frame-to-frame parameter
configuration changes via the use of programmable contexts. It also embeds a one-time programmable (OTP)
non-volatile memory to be written by 32-bit words.
Figure 1. Functional block diagram
VD66GY
Product overview
DS13838 - Rev 7
page 3/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com