Electronic Components Datasheet Search
  English  ▼

X  

VD66GY Datasheet(PDF) 9 Page - STMicroelectronics

Part # VD66GY
Description  Compact, high-sensitive 1.5 megapixel color Bayer global shutter image sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD66GY Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VD66GY Datasheet HTML 5Page - STMicroelectronics VD66GY Datasheet HTML 6Page - STMicroelectronics VD66GY Datasheet HTML 7Page - STMicroelectronics VD66GY Datasheet HTML 8Page - STMicroelectronics VD66GY Datasheet HTML 9Page - STMicroelectronics VD66GY Datasheet HTML 10Page - STMicroelectronics VD66GY Datasheet HTML 11Page - STMicroelectronics VD66GY Datasheet HTML 12Page - STMicroelectronics VD66GY Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
3.4.5
Autoexposure
The autoexposure (AE) feature computes and automatically applies the ideal exposure time and gain factors to
get the optimum average luminance in the image. The autoexposure algorithm is performed directly in the sensor,
to benefit from automatic exposure without the need to develop any dedicated algorithm or to allocate processor
resources to the computation.
The sensor can also operate in manual mode where exposure parameters are provided by the host.
The host can configure autoexposure module parameters that control brightness target, convergence speed, and
stability. The region of interest (ROI) used for autoexposure can be set independently from the image capture
region.
A specific antiflickering mode can be selected to mitigate artifacts introduced by ambient light frequency and
frame rate differences.
A dedicated I2C status register provides the image average brightness information when the sensor is set to
autoexposure or manual exposure mode. This information is also available in the status lines (ISL) embedded at
the beginning of each frame. Refer to Section 3.4.8: Embedded status lines for ISL description.
3.4.6
Analog subsampling
The devices support x2 and x4 subsampling which reduces overall image size and keeps the same field of view
(FoV). Subsampling is applied vertically and horizontally during the ADC readout, where every two or every four
pixels are read. When subsampling is used, the frame rate can be increased by decreasing the frame length.
3.4.7
Digital binning
The digital binning process reduces the image resolution by a factor of 2 or 4 in each direction. Central and
neighboring pixels are weighted to produce the digital binned image, avoiding special phase shift and artifacts
which may occur on the output image. Digital binning and subsampling are mutually exclusive.
3.4.8
Embedded status lines
The output interface (OIF) embeds the intelligent status line generator, which allows metadata to be sent through
the MIPI image data interface. The ISL follows the SMIA CSI-2, simplified, 2-byte, tagged data format for RAW8
data packing. There are two ISL lines transmitted at the beginning of each frame. Each data packet is 256 bytes
long. The length of the ISL can be stretched to equal the active line packet size.
The MCU has access to a bank of status registers, refreshed at each frame, and providing detailed information on
the current state of the sensor. Most of the content of this bank is also available in ISLs. The ISL contains all
information related to the current transmitted frame such as:
•
Clock settings
•
Cropping and orientation parameters
•
Analog and digital gains
•
Integration time
•
Frame counter index
•
Thermal sensor values
•
Dark calibration parameters
Transmission of ISL data packets can be disabled by configuring a static register during SW_STANDBY state
before streaming. ISL data packets have their own programmable "data types" and "virtual channels".
VD66GY
Functional description
DS13838 - Rev 7
page 9/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com