Electronic Components Datasheet Search
  English  ▼

X  

VD66GY Datasheet(PDF) 7 Page - STMicroelectronics

Part # VD66GY
Description  Compact, high-sensitive 1.5 megapixel color Bayer global shutter image sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD66GY Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VD66GY Datasheet HTML 3Page - STMicroelectronics VD66GY Datasheet HTML 4Page - STMicroelectronics VD66GY Datasheet HTML 5Page - STMicroelectronics VD66GY Datasheet HTML 6Page - STMicroelectronics VD66GY Datasheet HTML 7Page - STMicroelectronics VD66GY Datasheet HTML 8Page - STMicroelectronics VD66GY Datasheet HTML 9Page - STMicroelectronics VD66GY Datasheet HTML 10Page - STMicroelectronics VD66GY Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
3.4.1
Pattern generation
The pattern generation allows the generation of digital patterns in the output frame for test and debug. It is also
possible to insert a cross bar in the image with configurable position, size, and brightness. The available patterns
are:
•
Solid color
•
Color bars
•
Vertical grayscale
•
Horizontal grayscale
•
Diagonal grayscale
•
Pseudo-random data
Figure 3. Available patterns
3.4.2
Defective pixel correction
Active pixels are automatically corrected by a dynamic algorithm embedded in the sensor ISP, enabling defect-
free images straight out of the sensor without further algorithm development or processing resources.
The advanced correction algorithm can correct singlet and couplet of defects and take into account local spatial
gradients.
The host can program the strength of the correction to find the perfect balance between systematic defect
correction and preserving existing textures/patterns in the image. The correction strength evolves automatically
with exposure time. This mechanism can be deactivated for debugging purposes and for specific use cases such
as structured light.
3.4.3
Dark calibration
The pixel matrix has dedicated lines with shielded pixels that dynamically retrieve the dark level and subtract it
from the active image. Temperature, exposure time, or gain changes are compensated. Temporal smoothing and
fractional bit dithering are applied to avoid a sudden one-code step. This block also embeds a programmable
digital gain control feature with a granularity of 1/256 followed by a configurable pedestal to offset the dark level
along the ISP pipe.
VD66GY
Functional description
DS13838 - Rev 7
page 7/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com