Electronic Components Datasheet Search
  English  ▼

X  

VD66GY Datasheet(PDF) 8 Page - STMicroelectronics

Part # VD66GY
Description  Compact, high-sensitive 1.5 megapixel color Bayer global shutter image sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD66GY Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VD66GY Datasheet HTML 4Page - STMicroelectronics VD66GY Datasheet HTML 5Page - STMicroelectronics VD66GY Datasheet HTML 6Page - STMicroelectronics VD66GY Datasheet HTML 7Page - STMicroelectronics VD66GY Datasheet HTML 8Page - STMicroelectronics VD66GY Datasheet HTML 9Page - STMicroelectronics VD66GY Datasheet HTML 10Page - STMicroelectronics VD66GY Datasheet HTML 11Page - STMicroelectronics VD66GY Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
3.4.4
Analog and digital gains
The VD66GY enables to adjust analog and digital gains on the image to optimize image quality depending on the
lighting conditions. Gains are adjusted automatically when autoexposure is enabled, or by manual control when
autoexposure is disabled.
Analog gain ranges from x1 (+ 0 dB) up to x8 (+18 dB) with 29 steps following a 1/X behavior enabling to benefit
from fine gain granularity at low gain and wider granularity at high gains to better adjust image quality. It follows
the following formula:
Analoggainx = 3232−x
Where x is an integer from 0 to 28.
Figure 4. Analog gain progression versus control code
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
AGAIN progression15
0
5
10
15
20
25
30
0
1
2
3
4
5
7
8
9
10
11
12
13
14
15
16
17
18
0
4
8
12
16
20
24
28
AGAIN control code
decibel (dB)
linear
Four digital gains (one per color channel) can be applied, each of them ranging from 1.0 up to 8.0 minus one step
control with a step control of 1/256th so approximately 0.0039.
VD66GY
Functional description
DS13838 - Rev 7
page 8/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com