Electronic Components Datasheet Search
  English  ▼

X  

VD66GY Datasheet(PDF) 4 Page - STMicroelectronics

Part # VD66GY
Description  Compact, high-sensitive 1.5 megapixel color Bayer global shutter image sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD66GY Datasheet(HTML) 4 Page - STMicroelectronics

  VD66GY Datasheet HTML 1Page - STMicroelectronics VD66GY Datasheet HTML 2Page - STMicroelectronics VD66GY Datasheet HTML 3Page - STMicroelectronics VD66GY Datasheet HTML 4Page - STMicroelectronics VD66GY Datasheet HTML 5Page - STMicroelectronics VD66GY Datasheet HTML 6Page - STMicroelectronics VD66GY Datasheet HTML 7Page - STMicroelectronics VD66GY Datasheet HTML 8Page - STMicroelectronics VD66GY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
2.2
Technical specifications summary
Table 2. Technical specifications
Category
Parameter
VD66GY specifications
Resolution
Resolution
1.53 MP
Pixel array [H x V]
1124 x 1364
Aspect ratio
5:6
Pixel
Shutter type
Global shutter
Illumination type
Back side illuminated
Pixel size
2.61 µm
Color
Color option
Color Bayer
Frame rates (maximum)
Full resolution
88 fps
1 MP resolution
121 fps
VGA resolution
237 fps
Optical characteristics
Pixel array size [H x V]
2.93 mm x 3.56 mm
Optical format
1/4’’ (4.61 mm)
CRA
30° linear
Mechanical characteristics
Die footprint [H x V]
3.65 mm x 4.34 mm
Die centering (optical vs.
mechanical)
Yes
Die pinout
115 pins
Operating temperature range
-30 to +85°C
Electronic characteristics
Sensor data interface
MIPI CSI-2 | 1 or 2 lanes (1)
Sensor control interface
I²C, up to 1 Mbit/s/s
Output format
RAW8, RAW10
Supply voltages
2.8 V – 1.8 V – 1.15 V
External clock frequency
6 to 27 MHz
Power consumption
120 mW (typical) | 4 mW (standby)
Embedded features
Image quality optimization
•
Autoexposure
•
Automatic dark calibration
•
Defective pixel correction
•
Analog gain
•
Digital gains (independent for each color channel)
•
Binning
Data and frame rate optimization
•
Cropping
•
Binning
•
Subsampling
•
Context management with up to 4 contexts
Others
•
Mirror/Flip
•
Test pattern generation
•
Temperature sensor
•
8 programmable GPIOs for LED control, PWM control,
and leader or follower external frame start (2)
1. MIPI = mobile industry processor interface and CSI = camera serial interface.
2. GPIO = general-purpose input/output, LED = light emitting diode, and PWM = pulse width modulation.
VD66GY
Product overview
DS13838 - Rev 7
page 4/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com