Electronic Components Datasheet Search
  English  ▼

X  

AD9102 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9102
Description  Low Power, 14 Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9102 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9102 Datasheet HTML 28Page - Analog Devices AD9102 Datasheet HTML 29Page - Analog Devices AD9102 Datasheet HTML 30Page - Analog Devices AD9102 Datasheet HTML 31Page - Analog Devices AD9102 Datasheet HTML 32Page - Analog Devices AD9102 Datasheet HTML 33Page - Analog Devices AD9102 Datasheet HTML 34Page - Analog Devices AD9102 Datasheet HTML 35Page - Analog Devices AD9102 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
Data Sheet
AD9102
REGISTER MAP
analog.com
Rev. B | 32 of 43
Table 15. Register Summary
Addr
Register Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x00
SPICONFIG
[15:8]
LSBFIRST
SPI3WIRE
RESET
DOUBLESP
I
SPI_DRV
DOUT_EN
RESERVED
0x00
RW
[7:0]
RESERVED
DOUT_ENM SPI_DRVM
DOUBLESP
IM
RESETM
SPI3WIREM LSBFIRSTM
0x01
POWERCONFIG [15:8]
RESERVED
CLK_LDO_
STAT
DIG1_LDO_
STAT
DIG2_LDO_
STAT
PDN_LDO_
CLK
0x00
RW
[7:0]
PDN_LDO_
DIG1
PDN_LDO_
DIG2
REF_PDN
REF_EXT
DAC_SLEE
P
RESERVED
0x02
CLOCKCONFIG
[15:8]
RESERVED
DIS_CLK
RESERVED
0x00
RW
[7:0]
DIS_DCLK
CLK_SLEE
P
CLK_PDN
EPS
DAC_INV_C
LK
RESERVED
0x03
REFADJ
[15:8]
RESERVED
0x00
RW
[7:0]
RESERVED
BGDR
0x07
DACAGAIN
[15:8]
RESERVED
DAC_GAIN_CAL
0x00
RW
[7:0]
RESERVED
DAC_GAIN
0x08
DACRANGE
[15:8]
RESERVED
0x00
RW
[7:0]
RESERVED
DAC_GAIN_RNG
0x0C
DACRSET
[15:8]
DAC_RSET
_NE
RESERVED
DAC_RSET_CAL
0x0A
RW
[7:0]
RESERVED
DAC_RSET
0x0D
CALCONFIG
[15:8]
RESERVED COMP_OFF
SET_OF
COMP_OFF
SET_UF
RSET_CAL
_OF
RSET_CAL
_UF
GAIN_CAL_
OF
GAIN_CAL_
UF
CAL_RESE
T
0x00
RW
[7:0]
CAL_MODE CAL_MODE
_EN
COMP_CAL_RNG
CAL_CLK_E
N
CAL_CLK_DIV
0x0E
COMPOFFSET
[15:8]
RESERVED
COMP_OFFSET_CAL
0x00
RW
[7:0]
RESERVED
CAL_FIN
START_CAL
0x1D
RAMUPDATE
[15:8]
RESERVED
0x00
RW
[7:0]
RESERVED
RAMUPDAT
E
0x1E
PAT_STATUS
[15:8]
RESERVED
0x00
RW
[7:0]
RESERVED
BUF_READ MEM_ACCE
SS
PATTERN
RUN
0x1F
PAT_TYPE
[15:8]
RESERVED
0x00
RW
[7:0]
RESERVED
PATTERN_
RPT
0x20
PATTERN_DLY
[15:8]
PATTERN_DELAY[15:8]
0x0E
RW
[7:0]
PATTERN_DELAY[7:0]
0x25
DACDOF
[15:8]
DAC_DIG_OFFSET[11:4]
0x00
RW
[7:0]
DAC_DIG_OFFSET[3:0]
RESERVED
0x27
WAV_CONFIG
[15:8]
RESERVED
0x00
RW
[7:0]
RESERVED
PRESTORE_SEL
RESERVED CH_ADD
WAVE_SEL
0x28
PAT_TIMEBASE [15:8]
RESERVED
HOLD
0x0111 RW
[7:0]
PAT_PERIOD_BASE
START_DELAY_BASE
0x29
PAT_PERIOD
[15:8]
PATTERN_PERIOD[15:8]
0x8000 RW
[7:0]
PATTERN_PERIOD[7:0]
0x2B
DAC_PAT
[15:8]
RESERVED
0x0101 RW
[7:0]
DAC_REPEAT_CYCLE
0x2C
DOUT_START
[15:8]
DOUT_START[15:8]
0x03
RW
[7:0]
DOUT_START[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com